Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVHT Datasheet(PDF) 12 Page - Bourns Electronic Solutions

Part # AVHT
Description  High Temperature Automotive Grade Varistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AVHT Datasheet(HTML) 12 Page - Bourns Electronic Solutions

Back Button AVHT Datasheet HTML 8Page - Bourns Electronic Solutions AVHT Datasheet HTML 9Page - Bourns Electronic Solutions AVHT Datasheet HTML 10Page - Bourns Electronic Solutions AVHT Datasheet HTML 11Page - Bourns Electronic Solutions AVHT Datasheet HTML 12Page - Bourns Electronic Solutions AVHT Datasheet HTML 13Page - Bourns Electronic Solutions AVHT Datasheet HTML 14Page - Bourns Electronic Solutions AVHT Datasheet HTML 15Page - Bourns Electronic Solutions AVHT Datasheet HTML 16Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
3312 - 2 mm SMD Trimming Potentiometer
3312 - 2 mm SMD Trimming Potentiometer
AVHT Series - High Temperature Automotive Grade Varistors
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Soldering Recommendations for SMD Components (Continued)
Rework Criteria - Soldering Iron
Unless absolutely necessary, the use of soldering irons is NOT recommended for reworking varistor chips. If no other means of rework is
available, the following criteria must be strictly followed:
• Do not allow the tip of the iron to directly contact the top of the chip
• Do not exceed the following soldering iron specifications:
Output Power.......................................30 Watts Maximum
Temperature of Soldering Iron Tip.......280 °C Maximum
Soldering Time.....................................10 Seconds Maximum
Storage Conditions
SMD varistors should be used within 1 year of purchase to avoid possible soldering problems caused by oxidized terminals. The storage
environment should be controlled, with humidity less than 40 % and temperature between -25 and +45 °C. Varistor chips should always
be stored in their original packaged unit.
When varistor chips have been in storage for more than 1 year, and when there is evidence of solderability difficulties, Bourns can
“refresh” the terminations to eliminate these problems.
Solder Test and Retained Samples
Reflow soldering test based on J-STD-020D.1 and soldering test by dipping based on IEC 60068- 2 for Pb-free solders are performed on
each production lot as shown in the following chart. Test results and accompanying samples are retained for a minimum of two (2) years.
The solderability of a specific lot can be checked at any time within this period, should a customer require this information.
Test
Resistance to Flux
Solderability
Static Leaching (Simula-
tion of Reflow Soldering)
Dynamic Leaching (Simu-
lation of Wave Soldering)
Soldering method
Dipping
Dipping
Dipping
Dipping with Agitation
Flux
L3CN, ORL0
L3CN, ORL0, R
L3CN, ORL0, R
L3CN, ORL0, R
Pb Solder
62Sn / 36Pb / 2Ag
Pb Soldering
Temperature (°C)
235 ± 5
235 ± 5
260 ± 5
235 ± 5
Pb-Free Solder
Sn96 / Cu0,4-0,8 / 3-4Ag
Pb-Free Soldering
Temperature (°C)
250 ± 5
250 ± 5
280 ± 5
250 ± 5
Soldering Time (sec.)
2
210
10
> 15
Burn-in Conditions
Vdcmax, 48 hours
-
-
-
Acceptance Criterion
dVn < 5 %, idc must stay
unchanged
> 95 % of end termination
must be covered by solder
> 95 % of end termination
must be intact and
covered by solder
> 95 % of end termination
must be intact and
covered by solder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com