Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GST Datasheet(PDF) 67 Page - STMicroelectronics

Part # M58LT128GST
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GST Datasheet(HTML) 67 Page - STMicroelectronics

Back Button M58LT128GST Datasheet HTML 63Page - STMicroelectronics M58LT128GST Datasheet HTML 64Page - STMicroelectronics M58LT128GST Datasheet HTML 65Page - STMicroelectronics M58LT128GST Datasheet HTML 66Page - STMicroelectronics M58LT128GST Datasheet HTML 67Page - STMicroelectronics M58LT128GST Datasheet HTML 68Page - STMicroelectronics M58LT128GST Datasheet HTML 69Page - STMicroelectronics M58LT128GST Datasheet HTML 70Page - STMicroelectronics M58LT128GST Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 98 page
background image
M58LT128GST, M58LT128GSB
13 Part Numbering
67/98
13
Part Numbering
Table 28.
Ordering Information Scheme
Example:
M58LT128GS T
1
ZA
5
E
Device Type
M58
Architecture
L = Multilevel, Multiple Bank, Burst Mode
Operating Voltage
T = VDD = 1.7V to 2.0V, VDDQ =2.7V to 3.6V
Density
128 = 128 Mbit (x16)
Technology
G = 0.13µm
Security
S = Security
Parameter Location
T = Top Boot
B = Bottom Boot
Speed
1 = 110ns
Package
ZA = TBGA64, 10 x 13mm, 1mm pitch
Temperature Range
5 = –25 to 85°C
Packing Option
Blank = Standard Packing
E = ECOPACK Package, Standard Packing
F =ECOPACK Package, 24mm Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com