Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GST Datasheet(PDF) 72 Page - STMicroelectronics

Part # M58LT128GST
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GST Datasheet(HTML) 72 Page - STMicroelectronics

Back Button M58LT128GST Datasheet HTML 68Page - STMicroelectronics M58LT128GST Datasheet HTML 69Page - STMicroelectronics M58LT128GST Datasheet HTML 70Page - STMicroelectronics M58LT128GST Datasheet HTML 71Page - STMicroelectronics M58LT128GST Datasheet HTML 72Page - STMicroelectronics M58LT128GST Datasheet HTML 73Page - STMicroelectronics M58LT128GST Datasheet HTML 74Page - STMicroelectronics M58LT128GST Datasheet HTML 75Page - STMicroelectronics M58LT128GST Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 98 page
background image
13 Part Numbering
M58LT128GST, M58LT128GSB
72/98
Table 34.
M58LT128GSB- Main Bank Base Addresses
1.
There are two Bank Regions: Bank Region 2 contains all the banks that are made up of main blocks only; Bank
Region 1 contains the banks that are made up of the parameter and main blocks (Parameter Bank).
Table 35.
M58LT128GSB - Block Addresses in Main Banks
Bank Number
Block Numbers
Bank Base Address
15
123-130
780000
14
115-122
700000
13
107-114
680000
12
99-106
600000
11
91-98
580000
10
83-90
500000
9
75-82
480000
8
67-74
400000
7
59-66
380000
6
51-58
300000
5
43-50
280000
4
35-42
200000
3
27-34
180000
2
19-26
100000
1
11-18
080000
Block Number Offset
Block Base Address Offset
7
070000
6
060000
5
050000
4
040000
3
030000
2
020000
1
010000
0
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com