Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GST Datasheet(PDF) 28 Page - STMicroelectronics

Part # M58LT128GST
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GST Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M58LT128GST Datasheet HTML 24Page - STMicroelectronics M58LT128GST Datasheet HTML 25Page - STMicroelectronics M58LT128GST Datasheet HTML 26Page - STMicroelectronics M58LT128GST Datasheet HTML 27Page - STMicroelectronics M58LT128GST Datasheet HTML 28Page - STMicroelectronics M58LT128GST Datasheet HTML 29Page - STMicroelectronics M58LT128GST Datasheet HTML 30Page - STMicroelectronics M58LT128GST Datasheet HTML 31Page - STMicroelectronics M58LT128GST Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 98 page
background image
4 Command Interface
M58LT128GST, M58LT128GSB
28/98
Table 6.
Factory Program Command
Table 7.
Electronic Signature Codes
Command
Phase
Bus Write Operations(1)
1.
WA=Word Address in targeted bank, BKA= Bank Address, PD=Program Data, BA=Block Address, X = Don’t Care.
1st
2nd
3rd
Final -1
Final
Add
Data
Add
Data Add
Data
Add
Data
Add
Data
Buffer
Enhanced
Factory
Program
Setup
2
BKA or
WA(2)
2.
Any address within the bank can be used.
80h
WA1
D0h
Program/
Verify(3)
3.
The Program/Verify phase can be executed any number of times as long as the data is to be programmed to the same
block.
≥32
WA1
PD1
WA1
PD2 WA1
PD3
WA1
PD31
WA1
PD32
Exit
1
NOT
BA1
(4)
4.
WA1 is the Start Address, NOT BA1 = Not Block Address of WA1.
X
Code
Address (h)
Data (h)
Manufacturer Code
Bank Address + 00
0020
Device Code
Top
Bank Address + 01
88C6h (M58LT128GST)
Bottom
Bank Address + 01
88C7h (M58LT128GSB)
Die Revision Code
Block Address + 03
DRC(1)
1.
CR = Configuration Register, DRC = Die Revision Code.
Configuration Register
Bank Address + 05
CR(1)
Protection
Register PR0
ST Factory Default
Bank Address + 80
bit 0 = ‘0’
OTP Area Permanently
Locked
bit 1 = ‘0’
Protection Register PR0
Bank Address + 81
Bank Address + 84
Unique Device Number
Bank Address + 85
Bank Address + 88
OTP Area
Protection Register PR1 through PR16 Lock
Bank Address + 89
PRLD
Protection Registers PR1-PR16
Bank Address + 8A
Bank Address + 109
OTP Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com