Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GST Datasheet(PDF) 23 Page - STMicroelectronics

Part # M58LT128GST
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GST Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M58LT128GST Datasheet HTML 19Page - STMicroelectronics M58LT128GST Datasheet HTML 20Page - STMicroelectronics M58LT128GST Datasheet HTML 21Page - STMicroelectronics M58LT128GST Datasheet HTML 22Page - STMicroelectronics M58LT128GST Datasheet HTML 23Page - STMicroelectronics M58LT128GST Datasheet HTML 24Page - STMicroelectronics M58LT128GST Datasheet HTML 25Page - STMicroelectronics M58LT128GST Datasheet HTML 26Page - STMicroelectronics M58LT128GST Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 98 page
background image
M58LT128GST, M58LT128GSB
4 Command Interface
23/98
4.9
Buffer Enhanced Factory Program command
The Buffer Enhanced Factory Program command has been specially developed to speed up
programming in manufacturing environments where the programming time is critical.
It is used to program one or more Write Buffer(s) of 32 Words to a block. Once the device
enters Buffer Enhanced Factory Program mode, the Write Buffer can be reloaded any number
of times as long as the address remains within the same block. Only one block can be
programmed at a time.
The use of the Buffer Enhanced Factory Program command requires certain operating
conditions:
●
The targeted block must be unprotected. if it is protected, the user must return the device
to read mode.
●
VPP must be set to VPPH.
●
VDD must be within operating range.
●
Ambient temperature TA must be 30°C ± 10°C.
●
The start address must be aligned with the start of a 32 Word buffer boundary.
●
The address must remain the Start Address throughout programming.
Dual operations are not supported during the Buffer Enhanced Factory Program operation and
the command cannot be suspended.
The Buffer Enhanced Factory Program Command consists of three phases: the Setup Phase,
the Program and Verify Phase, and the Exit Phase, See Appendix C, Figure 25: Buffer
Enhanced Factory Program Flowchart and Pseudo Code, for a suggested flowchart on using
the Buffer Program command and to Table 6: Factory Program Command for details on the
Buffer Enhanced Factory Program command.
4.9.1
Setup phase
The Buffer Enhanced Factory Program command requires two Bus Write cycles to initiate the
command.
1.
The first Bus Write cycle sets up the Buffer Enhanced Factory Program command.
2.
The second Bus Write cycle confirms the command.
After the confirm command is issued, read operations output the contents of the Status
Register. The read Status Register command must not be issued as it will be interpreted as
data to program.
The Status Register P/E.C. Bit SR7 should be read to check that the P/E.C. is ready to proceed
to the next phase.
If an error is detected, SR4 goes high (set to ‘1’) and the Buffer Enhanced Factory Program
operation is terminated. See Status Register section for details on the error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com