Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GST Datasheet(PDF) 92 Page - STMicroelectronics

Part # M58LT128GST
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GST Datasheet(HTML) 92 Page - STMicroelectronics

Back Button M58LT128GST Datasheet HTML 88Page - STMicroelectronics M58LT128GST Datasheet HTML 89Page - STMicroelectronics M58LT128GST Datasheet HTML 90Page - STMicroelectronics M58LT128GST Datasheet HTML 91Page - STMicroelectronics M58LT128GST Datasheet HTML 92Page - STMicroelectronics M58LT128GST Datasheet HTML 93Page - STMicroelectronics M58LT128GST Datasheet HTML 94Page - STMicroelectronics M58LT128GST Datasheet HTML 95Page - STMicroelectronics M58LT128GST Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 98 page
background image
13 Part Numbering
M58LT128GST, M58LT128GSB
92/98
Table 47.
Command Interface States - Modify Table, Next Output State
Current CI State
Command Input(1)(2)
Read
Array
(FFh)(3)
Program
Setup
(10/
40h)(4)(5)
Buffer
Program
(E8h)
Block
Erase,
Setup
(20h)(4)(5)
BEFP
Setup
(80h)
Erase
Confirm
P/E
Resume,
BEFP
Confirm
(D0h)(4)(5)
Program/
Erase
Suspend
(B0h)
Read
Status
Register
(70h)
Clear status
Register
(50h)
Read
Electronic
signature,
Read CFI
Query
(90h, 98h)
Program Setup
Status Register
Erase Setup
Program in Erase Suspend
BEFP Setup
BEFP Busy
Buffer Program Setup
Buffer Program Load 1
Buffer Program Load 2
Buffer Program Confirm
Buffer Program Setup in Erase
Suspend
Buffer Program Load 1 in Erase
Suspend
Buffer Program Load 2 in Erase
Suspend
Buffer Program Confirm in Erase
Suspend
Lock/CR Setup
Lock/CR Setup in Erase Suspend
Ready
Array
Status Register
Output Unchanged
Status
Register
Output
Unchanged
Electronic
Signature/
CFI
Program Busy
Erase Busy
Buffer Program Busy
Program/Erase Suspend
Buffer Program Suspend
Program Busy in Erase Suspend
Buffer Program Busy in Erase
Suspend
Program Suspend in Erase
Suspend
Buffer Program Suspend in Erase
Suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com