Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GST Datasheet(PDF) 32 Page - STMicroelectronics

Part # M58LT128GST
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GST Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M58LT128GST Datasheet HTML 28Page - STMicroelectronics M58LT128GST Datasheet HTML 29Page - STMicroelectronics M58LT128GST Datasheet HTML 30Page - STMicroelectronics M58LT128GST Datasheet HTML 31Page - STMicroelectronics M58LT128GST Datasheet HTML 32Page - STMicroelectronics M58LT128GST Datasheet HTML 33Page - STMicroelectronics M58LT128GST Datasheet HTML 34Page - STMicroelectronics M58LT128GST Datasheet HTML 35Page - STMicroelectronics M58LT128GST Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 98 page
background image
5 Status Register
M58LT128GST, M58LT128GSB
32/98
5.3
Erase Status Bit (SR5)
The Erase Status bit is used to identify if there was an error during a block or bank erase
operation.
When the Erase Status bit is High (set to ‘1’), the Program/Erase Controller has applied the
maximum number of pulses to the block or bank and still failed to verify that it has erased
correctly.
The Erase Status bit should be read once the Program/Erase Controller Status bit is High
(Program/Erase Controller inactive).
Once set High, the Erase Status bit must be set Low by a Clear Status Register command or a
hardware reset before a new erase command is issued, otherwise the new command will
appear to fail.
5.4
Program Status Bit (SR4)
The Program Status bit is used to identify if there was an error during a program operation.
The Program Status bit should be read once the Program/Erase Controller Status bit is High
(Program/Erase Controller inactive).
When the Program Status bit is High (set to ‘1’), the Program/Erase Controller has applied the
maximum number of pulses to the Word and still failed to verify that it has programmed
correctly.
Attempting to program a '1' to an already programmed bit while VPP = VPPH will also set the
Program Status bit High. If VPP is different from VPPH, SR4 remains Low (set to '0') and the
attempt is not shown.
Once set High, the Program Status bit must be set Low by a Clear Status Register command or
a hardware reset before a new program command is issued, otherwise the new command will
appear to fail.
5.5
VPP Status Bit (SR3)
The VPP Status bit is used to identify an invalid voltage on the VPP pin during program and
erase operations. The VPP pin is only sampled at the beginning of a program or erase
operation. Program and erase operations are not guaranteed if VPP becomes invalid during an
operation.
When the VPP Status bit is Low (set to ‘0’), the voltage on the VPP pin was sampled at a valid
voltage.
when the VPP Status bit is High (set to ‘1’), the VPP pin has a voltage that is below the VPP
Lockout Voltage, VPPLK, the memory is protected and program and erase operations cannot be
performed.
Once set High, the VPP Status bit must be set Low by a Clear Status Register command or a
hardware reset before a new program or erase command is issued, otherwise the new
command will appear to fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com