Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GST Datasheet(PDF) 17 Page - STMicroelectronics

Part # M58LT128GST
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GST Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M58LT128GST Datasheet HTML 13Page - STMicroelectronics M58LT128GST Datasheet HTML 14Page - STMicroelectronics M58LT128GST Datasheet HTML 15Page - STMicroelectronics M58LT128GST Datasheet HTML 16Page - STMicroelectronics M58LT128GST Datasheet HTML 17Page - STMicroelectronics M58LT128GST Datasheet HTML 18Page - STMicroelectronics M58LT128GST Datasheet HTML 19Page - STMicroelectronics M58LT128GST Datasheet HTML 20Page - STMicroelectronics M58LT128GST Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 98 page
background image
M58LT128GST, M58LT128GSB
3 Bus operations
17/98
3.6
Reset
During Reset mode the memory is deselected and the outputs are high impedance. The
memory is in Reset mode when Reset is at VIL. The power consumption is reduced to the
Reset level, independently from the Chip Enable, Output Enable or Write Enable inputs. If
Reset is pulled to VSS during a Program or Erase, this operation is aborted and the memory
content is no longer valid.
Table 3.
Bus Operations
Operation(1)
1.
X = Don't care.
E
G
W
L
RP
WAIT(2)
2.
WAIT signal polarity is configured using the Set Configuration Register command.
DQ15-DQ0
Bus Read
VIL
VIL
VIH
VIH
VIH
Data Output
Bus Write
VIL
VIH
VIL
VIH
VIH
Data Input
Address Latch
VIL
VIH
X
VIL
VIH
Address Input
Output Disable
VIL
VIH
VIH
VIH
VIH
Hi-Z
Standby
VIH
XX
X
VIH
Hi-Z
Hi-Z
Reset
X
X
X
X
VIL
Hi-Z
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com