Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GST Datasheet(PDF) 81 Page - STMicroelectronics

Part # M58LT128GST
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GST Datasheet(HTML) 81 Page - STMicroelectronics

Back Button M58LT128GST Datasheet HTML 77Page - STMicroelectronics M58LT128GST Datasheet HTML 78Page - STMicroelectronics M58LT128GST Datasheet HTML 79Page - STMicroelectronics M58LT128GST Datasheet HTML 80Page - STMicroelectronics M58LT128GST Datasheet HTML 81Page - STMicroelectronics M58LT128GST Datasheet HTML 82Page - STMicroelectronics M58LT128GST Datasheet HTML 83Page - STMicroelectronics M58LT128GST Datasheet HTML 84Page - STMicroelectronics M58LT128GST Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 98 page
background image
M58LT128GST, M58LT128GSB
13 Part Numbering
81/98
Table 45.
Bank and Erase Block Region 2 Information
Flash memory (top)
Flash memory (bottom)
Description
Offset
Data
Offset
Data
(P+32)h = 13Ch
01h
(P+3A)h = 144h
0Fh
Number of identical banks within Bank Region 2
(P+33)h = 13Dh
00h
(P+3B)h = 145h
00h
(P+34)h = 13Eh
11h
(P+3C)h = 146h
11h
Number of program or erase operations allowed in Bank
Region 2:
Bits 0-3: Number of simultaneous program operations
Bits 4-7: Number of simultaneous erase operations
(P+35)h = 13Fh
00h
(P+3D)h = 147h
00h
Number of program or erase operations allowed in other
banks while a bank in this region is programming
Bits 0-3: Number of simultaneous program operations
Bits 4-7: Number of simultaneous erase operations
(P+36)h = 140h
00h
(P+3E)h = 148h
00h
Number of program or erase operations allowed in other
banks while a bank in this region is erasing
Bits 0-3: Number of simultaneous program operations
Bits 4-7: Number of simultaneous erase operations
(P+37)h = 141h
02h
(P+3F)h = 149h
01h
Types of erase block regions in Bank Region 2
n = number of erase block regions with contiguous same-
size erase blocks.
Symmetrically blocked banks have one blocking region.(2)
(P+38)h = 142h
06h
(P+40)h = 14Ah
07h
Bank Region 2 Erase Block Type 1 Information
Bits 0-15: n+1 = number of identical-sized erase blocks
Bits 16-31: n×256 = number of bytes in erase block region
(P+39)h = 143h
00h
(P+41)h = 14Bh
00h
(P+3A)h = 144h
00h
(P+42)h = 14Ch
00h
(P+3B)h = 145h
02h
(P+43)h = 14Dh
02h
(P+3C)h = 146h
64h
(P+44)h = 14Eh
64h
Bank Region 2 (Erase Block Type 1)
Minimum block erase cycles × 1000
(P+3D)h = 147h
00h
(P+45)h = 14Fh
00h
(P+3E)h = 148h
02h
(P+46)h = 150h
02h
Bank Region 2 (Erase Block Type 1): BIts per cell, internal
ECC
Bits 0-3: bits per cell in erase region
Bit 4: reserved for “internal ECC used”
BIts 5-7: reserved
(P+3F)h = 149h
03h
(P+47)h = 151h
03h
Bank Region 2 (Erase Block Type 1):Page mode and
Synchronous mode capabilities (defined in Table 42)
Bit 0: Page-mode reads permitted
Bit 1: Synchronous reads permitted
Bit 2: Synchronous writes permitted
Bits 3-7: reserved
(P+40)h = 14Ah
03h
Bank Region 2 Erase Block Type 2 Information
Bits 0-15: n+1 = number of identical-sized erase blocks
Bits 16-31: n×256 = number of bytes in erase block region
(P+41)h = 14Bh
00h
(P+42)h = 14Ch
80h
(P+43)h = 14Dh
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com