Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GST Datasheet(PDF) 33 Page - STMicroelectronics

Part # M58LT128GST
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GST Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M58LT128GST Datasheet HTML 29Page - STMicroelectronics M58LT128GST Datasheet HTML 30Page - STMicroelectronics M58LT128GST Datasheet HTML 31Page - STMicroelectronics M58LT128GST Datasheet HTML 32Page - STMicroelectronics M58LT128GST Datasheet HTML 33Page - STMicroelectronics M58LT128GST Datasheet HTML 34Page - STMicroelectronics M58LT128GST Datasheet HTML 35Page - STMicroelectronics M58LT128GST Datasheet HTML 36Page - STMicroelectronics M58LT128GST Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 98 page
background image
M58LT128GST, M58LT128GSB
5 Status Register
33/98
5.6
Program Suspend Status Bit (SR2)
The Program Suspend Status bit indicates that a program operation has been suspended in the
addressed block. The Program Suspend Status bit should only be considered valid when the
Program/Erase Controller Status bit is High (Program/Erase Controller inactive).
When the Program Suspend Status bit is High (set to ‘1’), a Program/Erase Suspend command
has been issued and the memory is waiting for a Program/Erase Resume command.
SR2 is set within the Program Suspend Latency time of the Program/Erase Suspend command
being issued therefore the memory may still complete the operation rather than entering the
Suspend mode.
When a Program/Erase Resume command is issued the Program Suspend Status bit returns
Low.
SR1. Reserved.
5.7
Bank Write/Multiple Word Program Status Bit (SR0)
The Bank Write Status bit indicates whether the addressed bank is programming or erasing. In
Buffer Enhanced Factory Program mode the Multiple Word Program bit shows if the device is
ready to accept a new Word to be programmed to the memory array.
The Bank Write Status bit should only be considered valid when the Program/Erase Controller
Status SR7 is Low (set to ‘0’).
When both the Program/Erase Controller Status bit and the Bank Write Status bit are Low (set
to ‘0’), the addressed bank is executing a program or erase operation. When the Program/Erase
Controller Status bit is Low (set to ‘0’) and the Bank Write Status bit is High (set to ‘1’), a
program or erase operation is being executed in a bank other than the one being addressed.
In Buffer Enhanced Factory Program mode if Multiple Word Program Status bit is Low (set to
‘0’), the device is ready for the next Word, if the Multiple Word Program Status bit is High (set to
‘1’) the device is not ready for the next Word.
For further details on how to use the Status Register, see the Flowcharts and Pseudo codes
provided in Appendix C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com