Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GST Datasheet(PDF) 43 Page - STMicroelectronics

Part # M58LT128GST
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GST Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M58LT128GST Datasheet HTML 39Page - STMicroelectronics M58LT128GST Datasheet HTML 40Page - STMicroelectronics M58LT128GST Datasheet HTML 41Page - STMicroelectronics M58LT128GST Datasheet HTML 42Page - STMicroelectronics M58LT128GST Datasheet HTML 43Page - STMicroelectronics M58LT128GST Datasheet HTML 44Page - STMicroelectronics M58LT128GST Datasheet HTML 45Page - STMicroelectronics M58LT128GST Datasheet HTML 46Page - STMicroelectronics M58LT128GST Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
M58LT128GST, M58LT128GSB
7 Read modes
43/98
7.2
Synchronous Burst Read modes
In Synchronous Burst Read mode the data is output in bursts synchronized with the clock. It is
possible to perform burst reads across bank boundaries.
Synchronous Burst Read mode can only be used to read the memory array. For other read
operations, such as Read Status Register, Read CFI and Read Electronic Signature, Single
Synchronous Read or Asynchronous Random Access Read must be used.
In Synchronous Burst Read mode the flow of the data output depends on parameters that are
configured in the Configuration Register.
A burst sequence starts at the first clock edge (rising or falling depending on Valid Clock Edge
bit CR6 in the Configuration Register) after the falling edge of Latch Enable or Chip Enable,
whichever occurs last. Addresses are internally incremented and data is output on each data
cycle after a delay which depends on the X latency bits CR13-CR11 of the Configuration
Register.
The number of Words to be output during a Synchronous Burst Read operation can be
configured as 4 Words, 8 Words, 16 Words or Continuous (Burst Length bits CR2-CR0). The
data can be configured to remain valid for one or two clock cycles (Data Output Configuration
bit CR9).
The order of the data output can be modified through the Wrap Burst bit in the Configuration
Register. The burst sequence is sequential and can be confined inside the 4, 8 or 16 Word
boundary (Wrap) or overcome the boundary (No Wrap).
The WAIT signal may be asserted to indicate to the system that an output delay will occur. This
delay will depend on the starting address of the burst sequence and on the burst configuration.
WAIT is asserted during the X latency, the WAIT state and at the end of a 4, 8 and 16 Word
burst. It is only deasserted when output data are valid or when G is at VIH. In Continuous Burst
Read mode a WAIT state will occur when crossing the first 16 Word boundary. If the starting
address is aligned to the Burst Length (4, 8 or 16 Words) the wrapped configuration has no
impact on the output sequence.
The WAIT signal can be configured to be active Low or active High by setting CR10 in the
Configuration Register.
See Table 23: Synchronous Read AC Characteristics, and Figure 11: Synchronous Burst Read
AC Waveforms, for details.
7.2.1
Synchronous Burst Read Suspend
A Synchronous Burst Read operation can be suspended, freeing the data bus for other higher
priority devices. It can be suspended during the initial access latency time (before data is
output) in which case the initial latency time can be reduced to zero, or after the device has
output data. When the Synchronous Burst Read operation is suspended, internal array sensing
continues and any previously latched internal data is retained. A burst sequence can be
suspended and resumed as often as required as long as the operating conditions of the device
are met.
A Synchronous Burst Read operation is suspended when Chip Enable, E, is Low and the
current address has been latched (on a Latch Enable rising edge or on a valid clock edge). The
Clock signal is then halted at VIH or at VIL, and Output Enable, G, goes High.
When Output Enable, G, becomes Low again and the Clock signal restarts, the Synchronous
Burst Read operation is resumed exactly where it stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com