Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GST Datasheet(PDF) 12 Page - STMicroelectronics

Part # M58LT128GST
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GST Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M58LT128GST Datasheet HTML 8Page - STMicroelectronics M58LT128GST Datasheet HTML 9Page - STMicroelectronics M58LT128GST Datasheet HTML 10Page - STMicroelectronics M58LT128GST Datasheet HTML 11Page - STMicroelectronics M58LT128GST Datasheet HTML 12Page - STMicroelectronics M58LT128GST Datasheet HTML 13Page - STMicroelectronics M58LT128GST Datasheet HTML 14Page - STMicroelectronics M58LT128GST Datasheet HTML 15Page - STMicroelectronics M58LT128GST Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 98 page
background image
1 Summary description
M58LT128GST, M58LT128GSB
12/98
Figure 3.
Memory Map
AI10261
M58LT128GST - Top Boot Block
Address lines A22-A0
8 Main
Blocks
Bank 15
M58LT128GSB - Bottom Boot Block
Address lines A22-A0
64 KWord
000000h
00FFFFh
64 KWord
070000h
07FFFFh
64 KWord
600000h
60FFFFh
64 KWord
670000h
67FFFFh
64 KWord
680000h
68FFFFh
64 KWord
6F0000h
6FFFFFh
64 KWord
700000h
70FFFFh
64 KWord
770000h
77FFFFh
64 KWord
780000h
78FFFFh
64 KWord
7E0000h
7EFFFFh
16 KWord
7F0000h
7F3FFFh
16 KWord
7FC000h
7FFFFFh
4 Parameter
Blocks
Parameter
Bank
Parameter
Bank
16 KWord
000000h
003FFFh
16 KWord
00C000h
00FFFFh
64 KWord
010000h
01FFFFh
64 KWord
070000h
07FFFFh
64 KWord
080000h
08FFFFh
64 KWord
0F0000h
0FFFFFh
64 KWord
100000h
10FFFFh
64 KWord
170000h
17FFFFh
64 KWord
180000h
18FFFFh
64 KWord
1F0000h
1FFFFFh
64 KWord
780000h
78FFFFh
64 KWord
7F0000h
7FFFFFh
Bank 3
Bank 2
Bank 1
Bank 15
Bank 3
Bank 2
Bank 1
8 Main
Blocks
8 Main
Blocks
8 Main
Blocks
7 Main
Blocks
4 Parameter
Blocks
7 Main
Blocks
8 Main
Blocks
8 Main
Blocks
8 Main
Blocks
8 Main
Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com