Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GST Datasheet(PDF) 97 Page - STMicroelectronics

Part # M58LT128GST
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GST Datasheet(HTML) 97 Page - STMicroelectronics

Back Button M58LT128GST Datasheet HTML 90Page - STMicroelectronics M58LT128GST Datasheet HTML 91Page - STMicroelectronics M58LT128GST Datasheet HTML 92Page - STMicroelectronics M58LT128GST Datasheet HTML 93Page - STMicroelectronics M58LT128GST Datasheet HTML 94Page - STMicroelectronics M58LT128GST Datasheet HTML 95Page - STMicroelectronics M58LT128GST Datasheet HTML 96Page - STMicroelectronics M58LT128GST Datasheet HTML 97Page - STMicroelectronics M58LT128GST Datasheet HTML 98Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 97 / 98 page
background image
M58LT128GST, M58LT128GSB
14 Revision history
97/98
14
Revision history
Table 50.
Document Revision History
Date
Version
Revision Details
16-Nov-2004
0.1
First Issue.
10-Dec-2004
0.2
Asynchronous Page Read mode added in Summary description, Section 3: Bus
operations. Figure 10: Asynchronous Page Read AC Waveforms updated and
Table 22: Asynchronous Read AC Characteristics for tAVQV1.
17-Jan-2004
0.3
WP and R pins removed from Figure 1: Logic Diagram.
WP removed from Figure 15: Write AC Waveforms, Write Enable Controlled and
Figure 16: Write AC Waveforms, Chip Enable Controlled.
20-Jun-2005
0.4
80ns speed class chagned into 85ns.
DU pins changed into NC in Figure 2: TBGA64 Connections (Top view through
package).
tWHQV removed from Figure 15, Figure 16.
Table 22, Table 23 and Table 26 updated.
Table 24 updated; tWHQV removed and tAVWH, tELQV, tELKV, tGHWL, tWHAV, and
tWHAX timings added.
Table 25 updated, tWHQV removed, and tAVEH, tEHAX, tEHGL, tELKV, and tGHEL
added.
21-Jun-2005
0.5
tGHTZ added inTable 22: Asynchronous Read AC Characteristics and Table 23:
Synchronous Read AC Characteristics.
29-Sep-2005
1.0
Burst frequency chagned from 54 to 52MHz.
85ns speed class removed.
tAVQV1 changed to 25ns.
VIO maximum value updated in Table 17: Absolute Maximum Ratings.
tAVLH and tLLLH updated in Table 22: Asynchronous Read AC Characteristics.
tAVKH, tELKH and tLLKH updated in Table 23: Synchronous Read AC Characteristics.
tAVLH, tLLLH and tELLH updated in Table 24: Write AC Characteristics, Write Enable
Controlled and Table 25: Write AC Characteristics, Chip Enable Controlled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com