Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GST Datasheet(PDF) 24 Page - STMicroelectronics

Part # M58LT128GST
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GST Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M58LT128GST Datasheet HTML 20Page - STMicroelectronics M58LT128GST Datasheet HTML 21Page - STMicroelectronics M58LT128GST Datasheet HTML 22Page - STMicroelectronics M58LT128GST Datasheet HTML 23Page - STMicroelectronics M58LT128GST Datasheet HTML 24Page - STMicroelectronics M58LT128GST Datasheet HTML 25Page - STMicroelectronics M58LT128GST Datasheet HTML 26Page - STMicroelectronics M58LT128GST Datasheet HTML 27Page - STMicroelectronics M58LT128GST Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 98 page
background image
4 Command Interface
M58LT128GST, M58LT128GSB
24/98
4.9.2
Program and Verify phase
The Program and Verify Phase requires 32 cycles to program the 32 Words to the Write Buffer.
The data is stored sequentially, starting at the first address of the Write Buffer, until the Write
Buffer is full (32 Words). To program less than 32 Words, the remaining Words should be
programmed with FFFFh.
Three successive steps are required to issue and execute the Program and Verify Phase of the
command.
1.
Use one Bus Write operation to latch the Start Address and the first Word to be
programmed. The Status Register Bank Write Status bit SR0 should be read to check that
the P/E.C. is ready for the next Word.
2.
Each subsequent Word to be programmed is latched with a new Bus Write operation. The
address must remain the Start Address as the P/E.C. increments the address location.If
any address that is not in the same block as the Start Address is given, the Program and
Verify Phase terminates. Status Register bit SR0 should be read between each Bus Write
cycle to check that the P/E.C. is ready for the next Word.
3.
Once the Write Buffer is full, the data is programmed sequentially to the memory array.
After the program operation the device automatically verifies the data and reprograms if
necessary.
The Program and Verify phase can be repeated, without re-issuing the command, to
program additional 32 Word locations as long as the address remains in the same block.
4.
Finally, after all Words, or the entire block have been programmed, write one Bus Write
operation to any address outside the block containing the Start Address, to terminate
Program and Verify Phase.
Status Register bit SR0 must be checked to determine whether the program operation is
finished. The Status Register may be checked for errors at any time but it must be checked after
the entire block has been programmed.
4.9.3
Exit phase
Status Register P/E.C. bit SR7 set to ‘1’ indicates that the device has exited the Buffer
Enhanced Factory Program operation and returned to Read Status Register mode. A full Status
Register check should be done to ensure that the block has been successfully programmed.
See the section on the Status Register for more details.
For optimum performance the Buffer Enhanced Factory Program command should be limited to
a maximum of 100 program/erase cycles per block. If this limit is exceeded the internal
algorithm will continue to work properly but some degradation in performance is possible.
Typical program times are given in Table 16
See Appendix C, Figure 25: Buffer Enhanced Factory Program Flowchart and Pseudo Code,
for a suggested flowchart on using the Buffer Enhanced Factory Program command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com