Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMSPG3.01 Datasheet(PDF) 5 Page - u-blox AG

Part # ROMSPG3.01
Description  u-blox M8 Concurrent GNSS Antenna Modules
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

ROMSPG3.01 Datasheet(HTML) 5 Page - u-blox AG

  ROMSPG3.01 Datasheet HTML 1Page - u-blox AG ROMSPG3.01 Datasheet HTML 2Page - u-blox AG ROMSPG3.01 Datasheet HTML 3Page - u-blox AG ROMSPG3.01 Datasheet HTML 4Page - u-blox AG ROMSPG3.01 Datasheet HTML 5Page - u-blox AG ROMSPG3.01 Datasheet HTML 6Page - u-blox AG ROMSPG3.01 Datasheet HTML 7Page - u-blox AG ROMSPG3.01 Datasheet HTML 8Page - u-blox AG ROMSPG3.01 Datasheet HTML 9Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
CAM-M8 - Data Sheet
UBX-15031574 - R04
Page 5 of 31
Production Information
1 Functional description
1.1 Overview
The u-blox concurrent CAM-M8 series GNSS antenna modules benefit from the exceptional
performance of the u-blox M8 multi-GNSS (GPS/QZSS, GLONASS, GALILEO and BeiDou) engine in
an industry proven form factor. The CAM-M8 modules offer high sensitivity and strong signal levels
in an ultra-compact form factor.
The CAM-M8 series modules utilize concurrent reception of up to three GNSS systems (GPS/Galileo
together with BeiDou or GLONASS), recognize multiple constellations simultaneously, and provide
outstanding positioning accuracy in scenarios where urban canyon or weak signals are involved. For
even better and faster positioning improvement, the CAM-M8 series supports augmentation of
QZSS, GAGAN and IMES together with WAAS, EGNOS, and MSAS. The CAM-M8 series also
supports message integrity protection, geofencing, and spoofing detection with configurable
interface settings to easily fit to customer applications.
Incorporating the CAM-M8 modules into customer designs is simple and straightforward, thanks to
the embedded GNSS chip antenna, a small footprint of 9.6 x 14.0 x 1.95 mm, and sophisticated
interference suppression that ensures maximum performance even in GNSS-hostile environments.
The low power consumption, and thin design allow end devices to be slimmer and smaller.
Despite the miniature size, the GNSS chip antenna in the CAM-M8 series performs extremely well
compared to traditional patch antennas. The omni-directional radiation pattern increases flexibility
for device installation. Optionally, CAM-M8 modules can be connected to an external GNSS antenna.
The SMD design keeps manufacturing costs to a minimum and the small mass ensures high
reliability.
☞ Because the customer PCB is part of the antenna solution, some PCB layout design rules should
be followed in order to maintain optimal performance of the on-board GNSS chip antenna. For
more information, see the CAM-M8 Hardware Integration Manual [1].
The CAM-M8 series modules target industrial and consumer applications that require concurrent
GPS/Galileo and GLONASS or GPS/Galileo and BeiDou reception. The CAM-M8C is optimized for cost
sensitive applications and has the lowest power consumption, while the CAM-M8Q provides best
performance. The CAM-M8 series is form-factor compatible to UC530 and UC530M modules,
allowing the upgrade of existing designs with minimal effort.
The CAM-M8 series modules use GNSS chips qualified according to AEC-Q100, are manufactured in
ISO/TS 16949 certified sites, and fully tested on a system level. Qualification tests are performed as
stipulated in the ISO 16750 standard: “Road vehicles – Environmental conditions and testing for
electrical and electronic equipment”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com