Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMSPG3.01 Datasheet(PDF) 11 Page - u-blox AG

Part # ROMSPG3.01
Description  u-blox M8 Concurrent GNSS Antenna Modules
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

ROMSPG3.01 Datasheet(HTML) 11 Page - u-blox AG

Back Button ROMSPG3.01 Datasheet HTML 7Page - u-blox AG ROMSPG3.01 Datasheet HTML 8Page - u-blox AG ROMSPG3.01 Datasheet HTML 9Page - u-blox AG ROMSPG3.01 Datasheet HTML 10Page - u-blox AG ROMSPG3.01 Datasheet HTML 11Page - u-blox AG ROMSPG3.01 Datasheet HTML 12Page - u-blox AG ROMSPG3.01 Datasheet HTML 13Page - u-blox AG ROMSPG3.01 Datasheet HTML 14Page - u-blox AG ROMSPG3.01 Datasheet HTML 15Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
CAM-M8 - Data Sheet
UBX-15031574 - R04
Page 11 of 31
Production Information
1.7.4 Differential GPS (D-GPS)
The u-blox CAM-M8 series receivers support differential GPS data according to RTCM 10402.3 [4].
The use of differential GPS data improves GPS position accuracy. The RTCM implementation
supports the following RTCM 2.3 messages:
Message Type
Description
1
Differential GPS Corrections
2
Delta Differential GPS Corrections
3
GPS Reference Station Parameters
9
GPS Partial Correction Set
Table 3: Supported RTCM 2.3 messages
☞ RTCM corrections cannot be used together with SBAS.
☞ For more details, see the u-blox 8 / u-blox M8 Receiver Description Including Protocol
Specification [2].
1.8 Broadcast navigation data and satellite signal
measurements
The CAM-M8 series modules can output all the GNSS broadcast data upon reception from tracked
satellites. This includes all the supported GNSS signals plus the augmentation services SBAS, QZSS
and IMES. The receiver also makes available the tracked satellite signal information, i.e. raw code
phase and Doppler measurements in a form aligned to the ETSI mobile cellular location services
protocol (RRLP) [6]. For more details, see the u-blox 8 / u-blox M8 Receiver Description Including
Protocol Specification [2].
1.9 Odometer
The odometer provides information on travelled ground distance (in meters) using solely the position
and Doppler-based velocity of the navigation solution. For each computed travelled distance since
the last odometer reset, the odometer estimates a 1-sigma accuracy value. The total cumulative
ground distance is maintained and saved in the BBR memory.
☞ The odometer feature is disabled by default. For more details, see the u-blox 8 / u-blox M8
Receiver Description Including Protocol Specification [2].
1.10 Geofencing
The CAM-M8 series modules support up to four circular Geofencing areas defined on the Earth’s
surface using a 2D model. Geofencing is active when at least one Geo-fence is defined, the current
status can be found by polling the receiver. A GPIO pin can be nominated to indicate status to e.g.
wake up a host on activation.
1.11 Message Integrity Protection
The CAM-M8 modules provide a function to detect third party interference with the UBX message
steam sent from receiver to host. The security mechanism “signs” nominated messages via a
subsequent UBX message. This message signature is then compared with one generated by the host
to determine if the message data has been altered. The signature algorithm seed can use one fixed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com