Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMSPG3.01 Datasheet(PDF) 7 Page - u-blox AG

Part # ROMSPG3.01
Description  u-blox M8 Concurrent GNSS Antenna Modules
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

ROMSPG3.01 Datasheet(HTML) 7 Page - u-blox AG

Back Button ROMSPG3.01 Datasheet HTML 3Page - u-blox AG ROMSPG3.01 Datasheet HTML 4Page - u-blox AG ROMSPG3.01 Datasheet HTML 5Page - u-blox AG ROMSPG3.01 Datasheet HTML 6Page - u-blox AG ROMSPG3.01 Datasheet HTML 7Page - u-blox AG ROMSPG3.01 Datasheet HTML 8Page - u-blox AG ROMSPG3.01 Datasheet HTML 9Page - u-blox AG ROMSPG3.01 Datasheet HTML 10Page - u-blox AG ROMSPG3.01 Datasheet HTML 11Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
CAM-M8 - Data Sheet
UBX-15031574 - R04
Page 7 of 31
Production Information
Parameter
Specification
Sensitivity 8
Reacquisition
–160 dBm
–160 dBm
–156 dBm
–157 dBm
–153 dBm
Cold start
–148 dBm
–148 dBm
–145 dBm
–143 dBm
–138 dBm
Hot start
–157 dBm
–157 dBm
–156 dBm
–155 dBm
–151 dBm
CAM-M8C
Time-To-First-Fix 6
Cold start
26 s
30 s
31 s
39 s
57 s
Hot start
1 s
1 s
1 s
1 s
1 s
Aided starts 7
3 s
3 s
3 s
7 s
7 s
Sensitivity 8
Tracking & Navigation –164 dBm
–164 dBm
–163 dBm
–160 dBm
–154 dBm
Reacquisition
–160 dBm
–159 dBm
–156 dBm
–155 dBm
–152 dBm
Cold start
–148 dBm
–147 dBm
–145 dBm
–143 dBm
–133 dBm
Hot start
–157 dBm
–156 dBm
–155 dBm
–155 dBm
–151 dBm
Table 1: CAM-M8Q/C performance in different GNSS modes (Default is concurrent reception of GPS and GLONASS, incl.
QZSS, SBAS)
1.4 Block diagram
Figure 1: CAM-M8Q/C block diagram
8 Demonstrated with a good external LNA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com