Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMSPG3.01 Datasheet(PDF) 27 Page - u-blox AG

Part # ROMSPG3.01
Description  u-blox M8 Concurrent GNSS Antenna Modules
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

ROMSPG3.01 Datasheet(HTML) 27 Page - u-blox AG

Back Button ROMSPG3.01 Datasheet HTML 23Page - u-blox AG ROMSPG3.01 Datasheet HTML 24Page - u-blox AG ROMSPG3.01 Datasheet HTML 25Page - u-blox AG ROMSPG3.01 Datasheet HTML 26Page - u-blox AG ROMSPG3.01 Datasheet HTML 27Page - u-blox AG ROMSPG3.01 Datasheet HTML 28Page - u-blox AG ROMSPG3.01 Datasheet HTML 29Page - u-blox AG ROMSPG3.01 Datasheet HTML 30Page - u-blox AG ROMSPG3.01 Datasheet HTML 31Page - u-blox AG  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
CAM-M8 - Data Sheet
UBX-15031574 - R04
Default messages
Page 27 of 31
Production Information
8 Default messages
Interface
Settings
UART Output
9600 Baud, 8 bits, no parity bit, 1 stop bit
Configured to transmit both NMEA and UBX protocols, but no UBX messages and only the
following NMEA have been activated at start-up:
GGA, GLL, GSA, GSV, RMC, VTG, TXT
UART Input
9600 Baud, 8 bits, no parity bit, 1 stop bit, Autobauding disabled
Automatically accepts following protocols without need of explicit configuration:
UBX, NMEA, RTCM
The GPS receiver supports interleaved UBX and NMEA messages.
DDC
Fully compatible with the I2C industry standard, available for communication with an external host
CPU or u-blox cellular modules, operated in slave mode only.
NMEA and UBX are enabled as input messages, only NMEA as output messages
Maximum bit rate 400 kb/s.
TIMEPULSE
(1 Hz Nav)
1 pulse per second, synchronized at rising edge, pulse length 100 ms
Table 10: Default messages
☞ Refer to the u-blox 8 / u-blox M8 Receiver Description Including Protocol Specification [2] for
information about further settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com