Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMSPG3.01 Datasheet(PDF) 28 Page - u-blox AG

Part # ROMSPG3.01
Description  u-blox M8 Concurrent GNSS Antenna Modules
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

ROMSPG3.01 Datasheet(HTML) 28 Page - u-blox AG

Back Button ROMSPG3.01 Datasheet HTML 23Page - u-blox AG ROMSPG3.01 Datasheet HTML 24Page - u-blox AG ROMSPG3.01 Datasheet HTML 25Page - u-blox AG ROMSPG3.01 Datasheet HTML 26Page - u-blox AG ROMSPG3.01 Datasheet HTML 27Page - u-blox AG ROMSPG3.01 Datasheet HTML 28Page - u-blox AG ROMSPG3.01 Datasheet HTML 29Page - u-blox AG ROMSPG3.01 Datasheet HTML 30Page - u-blox AG ROMSPG3.01 Datasheet HTML 31Page - u-blox AG  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
CAM-M8 - Data Sheet
UBX-15031574 - R04
Labeling and ordering information
Page 28 of 31
Production Information
9 Labeling and ordering information
9.1 Product labeling
The labeling of u-blox CAM-M8Q/C GNSS antenna modules include important product information.
The location of the product type number is shown in Figure 7.
Figure 7: Location of product type number on u-blox CAM-M8Q/C module label
9.2 Explanation of codes
Three different product code formats are used. The
Product Name is used in documentation such as
this data sheet and identifies all u-blox products, independent of packaging and quality grade. The
Ordering Code includes options and quality, while the Type Number includes the hardware and
firmware versions. Table 11 below details these three different formats:
Format
Structure
Product Name
PPP-TGV
Ordering Code
PPP-TGV-N
Type Number
PPP-TGV-N-XX
Table 11: Product code formats
The parts of the product code are explained in Table 12.
Code
Meaning
Example
PPP
Product Family
CAM
TG
Technology & Generation
M8 = u-blox M8
V
Variant
Function set (A-Z), T = Timing, R = DR, etc.
N
Option / Quality Grade
Describes standardized functional element or quality grade
0 = Default variant, A = Automotive
XX
Product Detail
Describes product details or options such as hardware and
software revision, cable length, etc.
Table 12: Part identification code
9.3 Ordering codes
Ordering No.
Product
CAM-M8Q-0
u-blox M8 Concurrent GNSS LCC Antenna Module, TCXO, SAW, LNA, ROM, 9.6 x 14.0 mm, 500
pcs/reel
CAM-M8C-0
u-blox M8 Concurrent GNSS LCC Antenna Module, Crystal, SAW, LNA, ROM, 9.6 x 14.0 mm, 500
pcs/reel
Table 13: Product ordering codes for professional grade module
☞ Product changes affecting form, fit or function are documented by u-blox. For a list of Product
Change Notifications (PCNs), see our website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com