Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMSPG3.01 Datasheet(PDF) 21 Page - u-blox AG

Part # ROMSPG3.01
Description  u-blox M8 Concurrent GNSS Antenna Modules
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

ROMSPG3.01 Datasheet(HTML) 21 Page - u-blox AG

Back Button ROMSPG3.01 Datasheet HTML 17Page - u-blox AG ROMSPG3.01 Datasheet HTML 18Page - u-blox AG ROMSPG3.01 Datasheet HTML 19Page - u-blox AG ROMSPG3.01 Datasheet HTML 20Page - u-blox AG ROMSPG3.01 Datasheet HTML 21Page - u-blox AG ROMSPG3.01 Datasheet HTML 22Page - u-blox AG ROMSPG3.01 Datasheet HTML 23Page - u-blox AG ROMSPG3.01 Datasheet HTML 24Page - u-blox AG ROMSPG3.01 Datasheet HTML 25Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
CAM-M8 - Data Sheet
UBX-15031574 - R04
Page 21 of 31
Production Information
4 Electrical specification
☞ The limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134).
Stress above one or more of the limiting values may cause permanent damage to the device.
These are stress ratings only, and operation of the device at these or at any other conditions
above those given in the Characteristics sections of the specification is not implied. Exposure to
these limits for extended periods may affect device reliability.
☞ Where application information is given, it is advisory only and does not form part of the
specification. For more information, see the CAM-M8 Hardware Integration Manual [1]
.
4.1 Absolute maximum rating
Parameter
Symbol
Condition
Min
Max
Units
Power supply voltage
VCC, VCC_IO
–0.5
3.6
V
Backup battery voltage
V_BCKP
–0.5
3.6
V
Input pin voltage
Vidig
Input voltage on Configurable
Inputs, RESET_N if VCC_IO <
3.1V
Input voltage on Configurable
Inputs, RESET_N if VCC_IO >
3.1V
–0.5
-0.5
VCC_IO+0.5
3.6
V
V
DC current trough any digital I/O
pin
(except supplies)
Ipin
10
mA
Input power at RF_IN
Prfin
source impedance = 50 Ω,
continuous wave
15
dBm
Storage temperature
Tstg
–40
85
°C
Table 7: Absolute maximum ratings of CAM-M8Q/C
⚠
Stressing the device beyond the “Absolute Maximum Ratings” may cause permanent damage.
These are stress ratings only. The product is not protected against overvoltage or reversed
voltages. If necessary, voltage spikes exceeding the power supply voltage specification, given in
table above, must be limited to values within the specified boundaries by using appropriate
protection diodes.
4.2 Operating conditions
☞ All specifications are at an ambient temperature of +25 °C. Extreme operating temperatures can
significantly impact specification values. Applications operating near the temperature limits
should be tested to ensure the specification.
Parameter
Symbol
Module
Min
Typ
Max
Units Condition
Power supply voltage
VCC, VCC_IO CAM-M8C 1.65
3.0
3.6
V
CAM-M8Q 2.7
3.0
3.6
V
Backup battery voltage
V_BCKP
All
1.4
3.6
V
Backup battery current
I_BCKP
CAM-M8Q
15
µA
V_BCKP = 3.0 V,
VCC = 0 V
CAM-M8C
100
µA
V_BCKP = 3.0 V,
VCC = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com