Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMSPG3.01 Datasheet(PDF) 8 Page - u-blox AG

Part # ROMSPG3.01
Description  u-blox M8 Concurrent GNSS Antenna Modules
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

ROMSPG3.01 Datasheet(HTML) 8 Page - u-blox AG

Back Button ROMSPG3.01 Datasheet HTML 4Page - u-blox AG ROMSPG3.01 Datasheet HTML 5Page - u-blox AG ROMSPG3.01 Datasheet HTML 6Page - u-blox AG ROMSPG3.01 Datasheet HTML 7Page - u-blox AG ROMSPG3.01 Datasheet HTML 8Page - u-blox AG ROMSPG3.01 Datasheet HTML 9Page - u-blox AG ROMSPG3.01 Datasheet HTML 10Page - u-blox AG ROMSPG3.01 Datasheet HTML 11Page - u-blox AG ROMSPG3.01 Datasheet HTML 12Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
CAM-M8 - Data Sheet
UBX-15031574 - R04
Page 8 of 31
Production Information
1.5 Supported GNSS constellations
The CAM-M8 series GNSS modules are concurrent GNSS receivers which can receive and track
multiple GNSS systems: GPS, Galileo, GLONASS and BeiDou. Owing to the dual-frequency RF front-
end architecture, either GLONASS or BeiDou can be processed concurrently with GPS and Galileo
signals providing reception of three GNSS systems. By default the M8 receivers are configured for
concurrent GPS and GLONASS, including SBAS and QZSS reception. If power consumption is a key
factor, then the receiver should be configured for a single GNSS operation using GPS, Galileo,
GLONASS or BeiDou and disabling QZSS and SBAS. The module can be configured to receive any
single GNSS constellation or within the set of permissible combinations shown below.
GPS
Galileo
GLONASS
BeiDou
•
•
–
–
•
•
•
–
•
•
–
•
•
–
•
–
•
–
–
•
–
•
•
–
–
•
–
•
–
–
•
•
Table 2: Permissible GNSS combinations (• = enabled)
☞ The augmentation systems: SBAS and QZSS can be enabled only if GPS operation is configured.
☞ Galileo is not enabled as the default configuration.
1.5.1 GPS
The u-blox CAM-M8 series positioning modules are designed to receive and track the L1C/A signals
provided at 1575.42 MHz by the Global Positioning System (GPS).
1.5.2 GLONASS
The CAM-M8 modules can receive and process GLONASS concurrently with GPS or BeiDou. The
Russian GLONASS satellite system is an alternative system to the US-based Global Positioning
System (GPS). u-blox CAM-M8 positioning modules are designed to receive and track the L1OF
signals GLONASS provided at 1602 MHz + k*562.5 kHz, where k is the satellite’s frequency channel
number (k = –7,..., 5, 6). The ability to receive and track GLONASS L1OF satellite signals allows design
of GLONASS receivers where required by regulations.
In order to take advantage of GPS and GLONASS, dedicated hardware preparation must be taken
during the design-in phase, see the CAM-M8 Hardware Integration Manual [1] for u-blox design
recommendations.
1.5.3 BeiDou
The CAM-M8 series positioning modules can receive and process the B1I signals broadcast at
1561.098 MHz from the BeiDou Navigation Satellite System. The ability to receive and track BeiDou
signals in conjunction with another constellation results in higher coverage, improved reliability and
better accuracy. Currently, BeiDou is not fully operational globally and provides Chinese regional
coverage only. Global coverage is scheduled for 2020.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com