Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMSPG3.01 Datasheet(PDF) 22 Page - u-blox AG

Part # ROMSPG3.01
Description  u-blox M8 Concurrent GNSS Antenna Modules
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

ROMSPG3.01 Datasheet(HTML) 22 Page - u-blox AG

Back Button ROMSPG3.01 Datasheet HTML 18Page - u-blox AG ROMSPG3.01 Datasheet HTML 19Page - u-blox AG ROMSPG3.01 Datasheet HTML 20Page - u-blox AG ROMSPG3.01 Datasheet HTML 21Page - u-blox AG ROMSPG3.01 Datasheet HTML 22Page - u-blox AG ROMSPG3.01 Datasheet HTML 23Page - u-blox AG ROMSPG3.01 Datasheet HTML 24Page - u-blox AG ROMSPG3.01 Datasheet HTML 25Page - u-blox AG ROMSPG3.01 Datasheet HTML 26Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
CAM-M8 - Data Sheet
UBX-15031574 - R04
Page 22 of 31
Production Information
Parameter
Symbol
Module
Min
Typ
Max
Units Condition
SW backup current
I_SWBCKP
CAM-M8Q
30
µA
VCC = 3.0 V
CAM-M8C
105
µA
VCC = 3.0 V
Input pin voltage range 10
Vin
All
-0.5
VCC_IO+0.5
V
Digital IO Pin Low level input voltage
Vil
All
0
0.2*VCC_IO
V
Digital IO Pin High level input voltage Vih
All
0.7*VCC_IO
VCC_IO+0.5
V
Digital IO Pin Low level output voltage Vol
All
0.4
V
Iol = 4 mA
Digital IO Pin High level output
voltage
Voh
All
VCC_IO - 0.4
V
Ioh = 4 mA
Pull-up resistor for RESET_N
(Internal)
Rpu
All
11
kΩ
Receiver Chain Noise Figure 11
NFtot
All
3.5
dB
Operating temperature
Topr
All
–40
85
°C
Table 8: Operating conditions
☞ Operation beyond the specified operating conditions can affect device reliability.
4.3 Indicative power requirements
Table 9 lists examples of the total system supply current for a possible application.
☞ The values in Table 9 are provided for customer information only, as an example of typical power
requirements. Values are characterized on samples; actual power requirements can vary
depending on FW version used, external circuitry, the number of SVs tracked, signal strength,
type of start as well as time, duration and conditions of test.
Parameter
Symbol
Module
Typ
GPS / QZSS / SBAS & GLONASS
Typ
GPS / QZSS / SBAS
Max
Units
Max. supply current 12
Iccp
All
71
mA
Average supply current 13, 14
Icc Acquisition 15
CAM-M8Q 30
26
mA
CAM-M8C 32
26
mA
Icc Tracking
(Continuous mode)
CAM-M8Q 28
23
mA
CAM-M8C 28
23
mA
Icc Tracking
(Power Save mode /
1 Hz)
CAM-M8Q 10.9
10.4
mA
CAM-M8C 10.1
9.6
mA
Table 9: Indicative power requirements at 3.0 V
☞ For more information about power requirements, see the CAM-M8 Hardware Integration Manual
[1].
☞ For more information on how to noticeably reduce current consumption, see the Power
Management Application Note [5]).
10 If VCC or VCC_IO is 0V there should not be any voltage applied to any I/O (Including RESET_N)
11 Only valid for the GPS band
12 Use this figure to dimension maximum current capability of power supply. Measurement of this parameter with 1 Hz
bandwidth.
13 Use this figure to determine required battery capacity.
14 Simulated GNSS constellation using power lever of –130 dBm. VCC = 3.0 V
15 Average current from start-up until the first fix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com