Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMSPG3.01 Datasheet(PDF) 15 Page - u-blox AG

Part # ROMSPG3.01
Description  u-blox M8 Concurrent GNSS Antenna Modules
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

ROMSPG3.01 Datasheet(HTML) 15 Page - u-blox AG

Back Button ROMSPG3.01 Datasheet HTML 11Page - u-blox AG ROMSPG3.01 Datasheet HTML 12Page - u-blox AG ROMSPG3.01 Datasheet HTML 13Page - u-blox AG ROMSPG3.01 Datasheet HTML 14Page - u-blox AG ROMSPG3.01 Datasheet HTML 15Page - u-blox AG ROMSPG3.01 Datasheet HTML 16Page - u-blox AG ROMSPG3.01 Datasheet HTML 17Page - u-blox AG ROMSPG3.01 Datasheet HTML 18Page - u-blox AG ROMSPG3.01 Datasheet HTML 19Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
CAM-M8 - Data Sheet
UBX-15031574 - R04
Page 15 of 31
Production Information
1.18.2 Power Mode Setup
u-blox M8 modules can be configured to run in either continuous or a choice of Power Save mode
configurations. A template of power mode settings can be used to easily select typical power mode
setups to cover the majority of users’ requirements.
For specific power saving applications the user has the option to fully configure via the power save
mode configuration. For more information, see section 1.18.2.2.
The u-blox M8 modules’ power mode setup offers a choice of continuous operation and preset Power
Save Mode Configurations.
•
Continuous (default) mode for best GNSS performance vs power consumption
•
Continuous with no compromise in power consumption
•
A 1 Hz cyclic tracking mode for aggressive power reduction
•
Choice of 2 or 4 Hz 9 cyclic tracking modes for typical wearable applications
•
ON/OFF interval mode
1.18.2.1 Continuous Mode
Continuous Mode uses the acquisition engine at full performance resulting in the shortest possible
TTFF and the highest sensitivity. It searches for all possible satellites until the almanac is completely
downloaded. The receiver then switches to the tracking engine to lower power consumption.
Thus, a lower tracking current consumption level will be achieved when:
•
A valid GNSS position is obtained
•
The entire almanac has been downloaded
•
The ephemeris for each satellite in view is valid
1.18.2.2 Power Save Mode
For specific power saving applications outside the typical preset power mode setups, users can
configure a tailored Power Save Mode.
Power Save Mode provides two dedicated methods, ON/OFF and Cyclic tracking, that reduce average
current consumption in different ways to match the needs of the specific application. These
operations can be set by using a specific UBX message.
☞ For more information about power management strategies, see the u-blox 8 / u-blox M8 Receiver
Description Including Protocol Specification [2]
.
9 Single GNSS constellation configuration only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com