Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMSPG3.01 Datasheet(PDF) 19 Page - u-blox AG

Part # ROMSPG3.01
Description  u-blox M8 Concurrent GNSS Antenna Modules
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

ROMSPG3.01 Datasheet(HTML) 19 Page - u-blox AG

Back Button ROMSPG3.01 Datasheet HTML 15Page - u-blox AG ROMSPG3.01 Datasheet HTML 16Page - u-blox AG ROMSPG3.01 Datasheet HTML 17Page - u-blox AG ROMSPG3.01 Datasheet HTML 18Page - u-blox AG ROMSPG3.01 Datasheet HTML 19Page - u-blox AG ROMSPG3.01 Datasheet HTML 20Page - u-blox AG ROMSPG3.01 Datasheet HTML 21Page - u-blox AG ROMSPG3.01 Datasheet HTML 22Page - u-blox AG ROMSPG3.01 Datasheet HTML 23Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
CAM-M8 - Data Sheet
UBX-15031574 - R04
Page 19 of 31
Production Information
No
Name
I/O
Description
21
GND
Ground
22
GND
Ground
23
RESET_N
RESET_N
24
SAFEBOOT_N
SAFEBOOT_N (for future service, updates and
reconfiguration, leave OPEN)
25
TXD /
SPI MISO
O
Serial Port if D_SEL =1 (or open)
SPI MISO if D_SEL = 0
26
RXD /
SPI MOSI
I
Serial Port if D_SEL =1 (or open)
SPI MOSI if D_SEL = 0
27
GND
Ground
28
Reserved
Reserved
29
TIMEPULSE
O
Time pulse (1 PPS)
30
LNA_EN
Antenna control
31
GND
Ground
Table 5: Pin out for CAM-M8Q/C
☞ Pins designated as “Reserved” should not be used. For more information about pinouts, see the
CAM-M8 Hardware Integration Manual [1].
2.2 Pin name changes
Selected pin names have been updated to agree with a common naming convention across u-blox
modules. The pins have not changed their operation and are the same physical hardware but with
updated names. The table below lists the pins that have changed name along with their old and new
names.
No
Previous Name
New name
30
ANT_ON
LNA_EN
16
ANT
RF_OUT
20
DSEL
D_SEL
3
SDA
SPI CS_N
SDA /
SPI CS_N
6
SCL
SPI CLK
SCL /
SPI CLK
25
TXD
SPI MISO
TXD /
SPI MISO
26
RXD
SPI MOSI
RXD /
SPI MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com