Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMSPG3.01 Datasheet(PDF) 6 Page - u-blox AG

Part # ROMSPG3.01
Description  u-blox M8 Concurrent GNSS Antenna Modules
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

ROMSPG3.01 Datasheet(HTML) 6 Page - u-blox AG

Back Button ROMSPG3.01 Datasheet HTML 2Page - u-blox AG ROMSPG3.01 Datasheet HTML 3Page - u-blox AG ROMSPG3.01 Datasheet HTML 4Page - u-blox AG ROMSPG3.01 Datasheet HTML 5Page - u-blox AG ROMSPG3.01 Datasheet HTML 6Page - u-blox AG ROMSPG3.01 Datasheet HTML 7Page - u-blox AG ROMSPG3.01 Datasheet HTML 8Page - u-blox AG ROMSPG3.01 Datasheet HTML 9Page - u-blox AG ROMSPG3.01 Datasheet HTML 10Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
CAM-M8 - Data Sheet
UBX-15031574 - R04
Page 6 of 31
Production Information
1.2 Product features
Model
Category
GNSS
Suppl
y
Interfaces
Features
Grade
CAM-M8Q
●
● ● ● ●
3
●
●
● ●
● ● ● T ●
1
●
CAM-M8C
●
● ● ● ●
3
●
●
● ●
● ●
♦ C ●
1
●
♦ = Yes, but with a higher backup current
C = Crystal / T = TCXO
1.3 GNSS performance
Parameter
Specification
Receiver type
72-channel u-blox M8 engine
GPS L1C/A, SBAS L1C/A, QZSS L1C/A, QZSS L1 SAIF, GLONASS L1OF, BeiDou B1I, Galileo
E1B/C
Accuracy of time pulse signal
RMS
30 ns
60 ns
99%
Frequency of time pulse signal
0.25 Hz…10 MHz (configurable)
Operational limits 1
Dynamics
≤ 4 g
Altitude
50,000 m
Velocity
500 m/s
Velocity accuracy 2
0.05 m/s
Heading accuracy 2
0.3 degrees
GNSS
GPS &
GLONASS
GPS
GLONASS BEIDOU
GALILEO
Horizontal position accuracy 3
2.5 m
2.5 m
4 m
3 m
TBC 4
Max navigation update rate 5
10 Hz
18 Hz
18 Hz
18 Hz
18 Hz
CAM-M8Q
Time-To-First-Fix 6
Cold start
26 s
29 s
30 s
34 s
45 s
Hot start
1 s
1 s
1 s
1 s
1 s
Aided starts 7
2 s
2 s
2 s
3 s
7 s
Tracking & Navigation –167 dBm
–166 dBm
–166 dBm
–160 dBm
–159 dBm
1 Assuming Airborne < 4 g platform
2 50% @ 30 m/s
3 CEP, 50%, 24 hours static, -130 dBm, > 6 SVs
4 To be confirmed when Galileo reaches full operational capability
5 Rates with SBAS and QZSS enabled for > 98% fix report rate under typical conditions
6 All satellites at -130 dBm, except Galileo at -127 dBm
7 Dependent on aiding data connection speed and latency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com