Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMSPG3.01 Datasheet(PDF) 20 Page - u-blox AG

Part # ROMSPG3.01
Description  u-blox M8 Concurrent GNSS Antenna Modules
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

ROMSPG3.01 Datasheet(HTML) 20 Page - u-blox AG

Back Button ROMSPG3.01 Datasheet HTML 16Page - u-blox AG ROMSPG3.01 Datasheet HTML 17Page - u-blox AG ROMSPG3.01 Datasheet HTML 18Page - u-blox AG ROMSPG3.01 Datasheet HTML 19Page - u-blox AG ROMSPG3.01 Datasheet HTML 20Page - u-blox AG ROMSPG3.01 Datasheet HTML 21Page - u-blox AG ROMSPG3.01 Datasheet HTML 22Page - u-blox AG ROMSPG3.01 Datasheet HTML 23Page - u-blox AG ROMSPG3.01 Datasheet HTML 24Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
CAM-M8 - Data Sheet
UBX-15031574 - R04
Page 20 of 31
Production Information
3 Configuration management
Configuration settings can be modified with UBX configuration messages. The modified settings
remain effective until power-down or reset. If these settings have been stored in battery-backup
RAM, then the modified configuration will be retained, as long as the backup battery supply is not
interrupted.
☞ For more information about configuration management, see the u-blox 8 / u-blox M8 Receiver
Description Including Protocol Specification [2].
3.1 Interface Selection (D_SEL)
At startup, pin 20 (
D_SEL) determines which data interfaces are used for communication. If D_SEL
is set high or left open, UART and DDC become available. If
D_SEL is set low, i.e. connected to ground,
the CAM-M8Q/C modules can communicate to a host via SPI.
PIN #
D_SEL = ”1”
(left open)
D_SEL = ”0”
(connected to GND)
25
TXD
SPI MISO
26
RXD
SPI MOSI
6
SCL
SPI CLK
3
SDA
SPI CS_N
Table 6: Data interface selection by D_SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com