Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMSPG3.01 Datasheet(PDF) 18 Page - u-blox AG

Part # ROMSPG3.01
Description  u-blox M8 Concurrent GNSS Antenna Modules
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

ROMSPG3.01 Datasheet(HTML) 18 Page - u-blox AG

Back Button ROMSPG3.01 Datasheet HTML 14Page - u-blox AG ROMSPG3.01 Datasheet HTML 15Page - u-blox AG ROMSPG3.01 Datasheet HTML 16Page - u-blox AG ROMSPG3.01 Datasheet HTML 17Page - u-blox AG ROMSPG3.01 Datasheet HTML 18Page - u-blox AG ROMSPG3.01 Datasheet HTML 19Page - u-blox AG ROMSPG3.01 Datasheet HTML 20Page - u-blox AG ROMSPG3.01 Datasheet HTML 21Page - u-blox AG ROMSPG3.01 Datasheet HTML 22Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
CAM-M8 - Data Sheet
UBX-15031574 - R04
Page 18 of 31
Production Information
2 Pin definition
2.1 Pin assignment
Figure 3: Pin assignment of CAM-M8Q/C
No
Name
I/O
Description
1
VCC_IO
IO Supply Voltage
2
Reserved
Reserved
3
SDA /
SPI CS_N
I/O
DDC Data if D_SEL =1 (or open)
SPI Chip Select if D_SEL = 0
4
GND
Ground
5
GND
Ground
6
SCL /
SPI CLK
I/O
DDC Clock if D_SEL =1(or open)
SPI Clock if D_SEL = 0
7
EXTINT
External Interrupt Pin
8
V_BCKP
Backup voltage supply
9
VCC
Supply voltage
10
GND
Ground
11
GND
Ground
12
GND
Ground
13
GND
Ground
14
GND
Ground
15
GND
Ground
16
RF_OUT
Embedded Antenna Output (50 ohm)
17
RF_IN
GPS/GNSS signal input
18
GND
Ground
19
GND
Ground
20
D_SEL
Interface select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com