Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN830 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STSPIN830
Description  Compact and versatile three-phase and three-sense motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN830 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STSPIN830 Datasheet HTML 2Page - STMicroelectronics STSPIN830 Datasheet HTML 3Page - STMicroelectronics STSPIN830 Datasheet HTML 4Page - STMicroelectronics STSPIN830 Datasheet HTML 5Page - STMicroelectronics STSPIN830 Datasheet HTML 6Page - STMicroelectronics STSPIN830 Datasheet HTML 7Page - STMicroelectronics STSPIN830 Datasheet HTML 8Page - STMicroelectronics STSPIN830 Datasheet HTML 9Page - STMicroelectronics STSPIN830 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
tINd(OFF)
Turn-off propagation delay
From INxL rising edge to 90% of OUTx
250
ns
PWM current control
VSNS,OFFSET Current control offset
-15
15
mV
tOFF
Total OFF time
ROFF = 10 kΩ
13
µs
ROFF = 160 kΩ
146
µs
ΔtOFF
OFF time precision
Full temperature range (1)
20%
+20%
%
tOFF,jitter
Total OFF time jittering
±2%
Protections
TjSD
Thermal shutdown threshold
160
°C
TjSD,Hyst
Thermal shutdown hysteresis
40
°C
IOC
Overcurrent threshold
3
3.5
A
1. Based on characterization data on a limited number of samples, not tested during production.
STSPIN830
Electrical characteristics
DS12584 - Rev 2
page 6/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com