Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN830 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STSPIN830
Description  Compact and versatile three-phase and three-sense motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN830 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STSPIN830 Datasheet HTML 4Page - STMicroelectronics STSPIN830 Datasheet HTML 5Page - STMicroelectronics STSPIN830 Datasheet HTML 6Page - STMicroelectronics STSPIN830 Datasheet HTML 7Page - STMicroelectronics STSPIN830 Datasheet HTML 8Page - STMicroelectronics STSPIN830 Datasheet HTML 9Page - STMicroelectronics STSPIN830 Datasheet HTML 10Page - STMicroelectronics STSPIN830 Datasheet HTML 11Page - STMicroelectronics STSPIN830 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
N.
Name
Type
Function
16
STBY\RESET
Logic input
Standby\Reset input
When forced low the device enters in low consumption mode
17
EN\FAULT
Logic input\ Open
drain output
Logic input 5 V compliant with open drain output.
This is the power stage input enable (when low, the power stage is
turned off) and is forced low through the integrated open-drain
MOSFET when a failure occurs
18
MODE
Logic input
Inputs driving method selection.
When low the ENx\INx option is selected, when high the INxH\INxL
option is enabled
19
INU\INUH
Logic input
Output U high-side driving input (1)
20
ENU\INUL
Logic input
Output U low-side driving input (1)
21
INV\INVH
Logic input
Output V high-side driving input (1)
22
ENV\INVL
Logic input
Output V low-side driving input (1)
23
INW\INWH
Logic input
Output W high-side driving input (1)
24
ENW\INWL
Logic input
Output W low-side driving input (1)
8
NC
NC
Not connected.
1. Refer to :Section 5.2 Logic inputs for more details
STSPIN830
Pin description
DS12584 - Rev 2
page 8/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com