Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN830 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STSPIN830
Description  Compact and versatile three-phase and three-sense motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN830 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STSPIN830 Datasheet HTML 14Page - STMicroelectronics STSPIN830 Datasheet HTML 15Page - STMicroelectronics STSPIN830 Datasheet HTML 16Page - STMicroelectronics STSPIN830 Datasheet HTML 17Page - STMicroelectronics STSPIN830 Datasheet HTML 18Page - STMicroelectronics STSPIN830 Datasheet HTML 19Page - STMicroelectronics STSPIN830 Datasheet HTML 20Page - STMicroelectronics STSPIN830 Datasheet HTML 21Page - STMicroelectronics STSPIN830 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
7
Layout recommendations
The integrates the power stage; in order to improve the thermal dissipation, the exposed pad must be connected
to the ground plane on the bottom layer using multiple vias equally spaced. This ground plane acts as a heatsink,
for this reason it should be as wide as possible.
The voltage supply VS must be stabilized and filtered with a ceramic bypass capacitor, typically 330nF. It must be
placed on the same side and as close as possible to VS pin in order to reject high frequency noise components
on the supply. A bulk capacitor could also be required (typically a 33 μF). The connection between the power
supply connector and the VS pins must be as short as possible using wide traces.
In order to ensure the best ground connection between the and the other components, a GND plane surrounding
the device is recommended.
A capacitor between REF pins and ground should be positioned as near as possible to the device in order to filter
the noise and stabilize the reference voltage.
Several vias should be positioned as near as possible each sense resistor connecting them to the ground plane
on the bottom layer. In this way, both the GND planes provide a path for the current flowing into the power stage.
The path between the ground of the shunt resistors and the ceramic bypass capacitor of the device is critical; for
this reason it must be as short as possible minimizing parasitic inductances that can cause voltage spikes on
SENSE and OUT pins.
The OUT pins and the VS nets can be routed using the bottom layer, it is recommended to use two vias for output
connections.
Figure 14. PCB layout example with triple shunt (top layer)
VREF capacitor
for noise filtering
placed close to VREF
leads
STSPIN830
Ground plane:
connects all
the grounds on
the TOP layer
to reduce
parasitic effects
Vias on exposed pad
to improve thermal dissipation
Shunt resistor close to
respective SENSE and
SNS leads
Ceramic bypass
capacitor close to
VS leads
Several vias
to connect
the shunt ground
with the bottom
ground plane
Several vias
to connect
the shunt ground
with the bottom
ground plane
OUT tracks
vias
OUT tracks
vias
AM040390
In case of single shunt configuration take special care for the SENSE and SNS pins connection.
As suggested in the Figure 15. PCB layout example with single shunt (top layer) and Figure 16. PCB layout
example with single shunt (bottom layer), the shunt resistor can be placed in the top layer close to SENSEU and
SNS pins with a wide copper area and vias. The connection with other sense pins (SENSEV and SENSEW) can
be routed in the bottom layer taking care to maximize the track area and add more vias near to the pins.
STSPIN830
Layout recommendations
DS12584 - Rev 2
page 18/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com