Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN830 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSPIN830
Description  Compact and versatile three-phase and three-sense motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN830 Datasheet(HTML) 1 Page - STMicroelectronics

  STSPIN830 Datasheet HTML 1Page - STMicroelectronics STSPIN830 Datasheet HTML 2Page - STMicroelectronics STSPIN830 Datasheet HTML 3Page - STMicroelectronics STSPIN830 Datasheet HTML 4Page - STMicroelectronics STSPIN830 Datasheet HTML 5Page - STMicroelectronics STSPIN830 Datasheet HTML 6Page - STMicroelectronics STSPIN830 Datasheet HTML 7Page - STMicroelectronics STSPIN830 Datasheet HTML 8Page - STMicroelectronics STSPIN830 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Features
Operating voltage from 7 to 45 V
Maximum output current 1.5 Arms
RDSon HS + LS = 1 Ω typ.
Supporting both single and three shunts architectures
Current control with adjustable OFF time
Current sensing based on external shunt resistors
Flexible driving methodology user settable between 6 inputs (high side & low
side driving) and 3 inputs (direct PWM driving)
FOC compatible thanks to three shunts sensing topology support
Full protections set:
Non-dissipative overcurrent protection
Short-circuit protection
Underuoltage Lockout
Thermal shutdown
Interlocking function
Low standby current consumption
Application
Industrial robotics
Medical and health care
Factory automation end-points
Home appliances
Small pumps
Server, computing and general purpose FANs
Office and home automation
Description
STSPIN830 is a compact and versatile field oriented control FOC ready three-phase
motor driver. It integrates in a very small 4 x 4 mm QFN package, both the control
logic and a fully protected low RDSon triple half-bridge power stage.Thanks to a
dedicated MODE input pin the device offers the freedom to decide whether to drive it
through 6 inputs (one for each power switch) or a more common 3 PWM direct
driving inputs.
The STSPIN830 supports both single and three shunts architectures and embeds a
PWM current limiter based on user settable values of reference voltage and OFF
time.The devices can be forced in a low consumption state reducing the total current
consumption down to less than 45 μA.
As with all other devices from the STSPIN family, the STSPIN830 integrates a
complete set of protections for the power stages (non-dissipative overcurrent,
thermal shutdown, short-circuit, undervoltage lockout and interlocking) making it a
bulletproof solution for the new wave of demanding industrial applications.
Product status link
STSPIN830
Product summary
Order code
STSPIN830
Package
TFQFPN 4 x 4 x
1.05 - 24L
Packing
Tape and reel
Product label
Compact and versatile three-phase and three-sense motor driver
STSPIN830
Datasheet
DS12584 - Rev 2 - August 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STSPIN830

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSPIN820 STMICROELECTRONICS-STSPIN820 Datasheet
585Kb / 29P
Advanced 256 microsteps integrated motor driver with step-clock and direction interface
December 2017 Rev 2
STSPIN840 STMICROELECTRONICS-STSPIN840 Datasheet
720Kb / 28P
Compact dual brushed DC motor driver
Rev 1
More results

Similar Description - STSPIN830

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6234 STMICROELECTRONICS-L6234 Datasheet
116Kb / 10P
THREE PHASE MOTOR DRIVER
Mar-1998
logo
Sanyo Semicon Device
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
Three-Phase Brushless Motor Driver
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
Three-Phase Brushless Motor Driver
logo
STMicroelectronics
L634 STMICROELECTRONICS-L634 Datasheet
469Kb / 10P
THREE PHASE MOTOR DRIVER
Aug-2003
L6234PD013TR STMICROELECTRONICS-L6234PD013TR Datasheet
510Kb / 16P
Three phase motor driver
15-Nov-2011
logo
Texas Instruments
DRV8332-HT TI1-DRV8332-HT Datasheet
421Kb / 26P
THREE PHASE PWM MOTOR DRIVER
logo
STMicroelectronics
STSPIN233 STMICROELECTRONICS-STSPIN233 Datasheet
448Kb / 22P
Low voltage three phase and three sense motor driver
17-Jan-2018
L6234 STMICROELECTRONICS-L6234_V01 Datasheet
494Kb / 16P
Three phase motor driver
15-Nov-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com