Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN830 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STSPIN830
Description  Compact and versatile three-phase and three-sense motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN830 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STSPIN830 Datasheet HTML 17Page - STMicroelectronics STSPIN830 Datasheet HTML 18Page - STMicroelectronics STSPIN830 Datasheet HTML 19Page - STMicroelectronics STSPIN830 Datasheet HTML 20Page - STMicroelectronics STSPIN830 Datasheet HTML 21Page - STMicroelectronics STSPIN830 Datasheet HTML 22Page - STMicroelectronics STSPIN830 Datasheet HTML 23Page - STMicroelectronics STSPIN830 Datasheet HTML 24Page - STMicroelectronics STSPIN830 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Table 10. TFQFPN 4x4x1.05 24L package mechanical data
Symbol
Dimensions
(mm)
Min.
Typ.
Max.
NOTES
A
0.90
1.00
1.10
A1
0.00
0.02
0.05
b
0.20
0.25
0.30
(1)
D
3.90
4.00
4.10
D2
2.55
2.60
2.65
E
3.90
4.00
4.10
E2
2.55
2.60
2.65
e
0.50
L
0.35
0.40
0.45
k
0.30
ddd
0.05
1.
Dimension “b” does not include dambar protrusion. Allowable dambar protrusion shall not cause the lead
width to exceed the maximum “b” dimension by more than 0.08 mm
Figure 18. TFQFPN 4 x 4 x 1.05 - 24L suggested footprint
TFQFPN 4 x 4 x 1.05 - 24 L
STSPIN830
TFQFPN 4x4x1.05 24L package information
DS12584 - Rev 2
page 21/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com