Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN830 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STSPIN830
Description  Compact and versatile three-phase and three-sense motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN830 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STSPIN830 Datasheet HTML 19Page - STMicroelectronics STSPIN830 Datasheet HTML 20Page - STMicroelectronics STSPIN830 Datasheet HTML 21Page - STMicroelectronics STSPIN830 Datasheet HTML 22Page - STMicroelectronics STSPIN830 Datasheet HTML 23Page - STMicroelectronics STSPIN830 Datasheet HTML 24Page - STMicroelectronics STSPIN830 Datasheet HTML 25Page - STMicroelectronics STSPIN830 Datasheet HTML 26Page - STMicroelectronics STSPIN830 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
List of figures
Figure 1.
STSPIN830 block diagram ............................................................ 2
Figure 2.
Pin connection (top view) ............................................................. 7
Figure 3.
UVLO protection management ......................................................... 9
Figure 4.
PWM current limit sequence example ................................................... 11
Figure 5.
OFF time regulation circuit ........................................................... 11
Figure 6.
OFF time vs ROFF value ............................................................ 12
Figure 7.
Overcurrent and short-circuit protections management ....................................... 13
Figure 8.
Disable time versus REN and CEN values (VDD = 3.3 V)...................................... 14
Figure 9.
Overcurrent threshold versus temperature (normalized at 25 °C)................................. 14
Figure 10.
Thermal shutdown management ....................................................... 15
Figure 11.
ESD protection strategy ............................................................. 15
Figure 12.
Typical application schematic with single shunt ............................................. 16
Figure 13.
Typical application schematic with triple shunt ............................................. 17
Figure 14.
PCB layout example with triple shunt (top layer) ............................................ 18
Figure 15.
PCB layout example with single shunt (top layer) ........................................... 19
Figure 16.
PCB layout example with single shunt (bottom layer) ......................................... 19
Figure 17.
TFQFPN 4 x 4 x 1.05 - 24L package outline ............................................... 20
Figure 18.
TFQFPN 4 x 4 x 1.05 - 24L suggested footprint ............................................ 21
STSPIN830
List of figures
DS12584 - Rev 2
page 26/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com