Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN830 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STSPIN830
Description  Compact and versatile three-phase and three-sense motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN830 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STSPIN830 Datasheet HTML 9Page - STMicroelectronics STSPIN830 Datasheet HTML 10Page - STMicroelectronics STSPIN830 Datasheet HTML 11Page - STMicroelectronics STSPIN830 Datasheet HTML 12Page - STMicroelectronics STSPIN830 Datasheet HTML 13Page - STMicroelectronics STSPIN830 Datasheet HTML 14Page - STMicroelectronics STSPIN830 Datasheet HTML 15Page - STMicroelectronics STSPIN830 Datasheet HTML 16Page - STMicroelectronics STSPIN830 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Figure 7. Overcurrent and short-circuit protections management
FAULT_MCU
MCU
EN_MCU
V
EN
Power
stage
FAULT
VIH
V
VIL
Overcurrent
protection
ENABLED
DISABLED
ENABLED
CEN
REN
t
tDIS
t
t
V
EN\FAULT
DEVICE
RELEASE
EN
OC\SC
THSD
FAULT
AM040384
RELEASE
RELEASE
charge
OCSD
discharge
The total disable time after an overcurrent event is set sizing properly the external network connected to EN
\FAULT pin (refer to Figure 8. Disable time versus REN and CEN values (VDD = 3.3 V) ) and it is the sum of the
discharging and charging time of the CEN capacitor:
Equation 2
(2)
tDIS = tdischarge + tcharge
Considering tdischarge is normally significantly lower than tcharge, its contribution is negligible and the disable time
is almost equal to tcharge only:
Equation 3
(3)
tDIS≅REN×CEN×ln VDD−REN×IPD −VRELEASE
VDD−REN×IPD −VIH
Where VDD is the pull-up voltage of REN resistor.
The recommended value for REN and CEN are respectively 39 kΩ and 10 nF that allow obtaining 200 µs
disable time.
STSPIN830
Device protections
DS12584 - Rev 2
page 13/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com