Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN830 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STSPIN830
Description  Compact and versatile three-phase and three-sense motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN830 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STSPIN830 Datasheet HTML 6Page - STMicroelectronics STSPIN830 Datasheet HTML 7Page - STMicroelectronics STSPIN830 Datasheet HTML 8Page - STMicroelectronics STSPIN830 Datasheet HTML 9Page - STMicroelectronics STSPIN830 Datasheet HTML 10Page - STMicroelectronics STSPIN830 Datasheet HTML 11Page - STMicroelectronics STSPIN830 Datasheet HTML 12Page - STMicroelectronics STSPIN830 Datasheet HTML 13Page - STMicroelectronics STSPIN830 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Table 7. ENx and INx inputs truth table (MODE = ‘L’)
MODE
EN\FAULT
ENx
INx
OUTx
‘x’ Half-bridge condition
0
0
X (1)
X(1)
High Z (2)
Disabled
0
1
0
X(1)
High Z (2)
Disabled
0
1
1
0
GND
LS on
0
1
1
1
VS
HS on
1. X: don’t care.
2. High Z: high impedance
Table 8. INxL and INxH inputs truth table (MODE = ‘H’)
MODE
EN\FAULT
INxH
INxL
OUTx
‘x’ Half-bridge condition
1
0
X(1)
X(1)
High Z (2)
Disabled
1
1
0
0
High Z (2)
Disabled
1
1
0
1
GND
LS on
1
1
1
0
VS
HS on
1
1
1
1
High Z (2)
Disabled (interlocking)
1. X: don’t care.
5.3
PWM current limiter
The device implements a PWM current limiter.
The load current is sensed through the SNS pin monitoring the voltage drop across an external resistor connected
between the source of the low side power MOSFET (SENSEx pins) and ground.
The voltage of the sense pin (VSNS) is compared to the reference voltage pin (VREF).
When VSNS > VREF the internal comparator is triggered, the OFF time counter is started and all the power outputs
are disabled (high impedance) until the end of count of the timer.
During current decays the inputs values are ignored until the system returns to ON condition (decay time expired).
The reference voltage value, VREF, has to be selected according the load current target value (peak value) and
sense resistors value.
Equation 1
(1)
VREF=RSENSE×ILOAD,peak
The choice of sense resistors value must be take into account two main issues:
The sensing resistor dissipates energy and provides dangerous negative voltages on the SENSE pins during
the current recirculation. For this reason the resistance of this component should be kept low (using multiple
resistors in parallel will help obtaining the required power rating with standard resistors).
The lower is the RSENSE value, the higher is the peak current error due to noise on VREF pin and to the input
offset of the current sense comparator: too small values of RSENSE must be avoided.
STSPIN830
PWM current limiter
DS12584 - Rev 2
page 10/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com