Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN830 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STSPIN830
Description  Compact and versatile three-phase and three-sense motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN830 Datasheet(HTML) 3 Page - STMicroelectronics

  STSPIN830 Datasheet HTML 1Page - STMicroelectronics STSPIN830 Datasheet HTML 2Page - STMicroelectronics STSPIN830 Datasheet HTML 3Page - STMicroelectronics STSPIN830 Datasheet HTML 4Page - STMicroelectronics STSPIN830 Datasheet HTML 5Page - STMicroelectronics STSPIN830 Datasheet HTML 6Page - STMicroelectronics STSPIN830 Datasheet HTML 7Page - STMicroelectronics STSPIN830 Datasheet HTML 8Page - STMicroelectronics STSPIN830 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
2
Electrical data
2.1
Absolute maximum ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Supply voltage
-0.3 to 48
V
VIN
Logic input voltage
-0.3 to 5.5
V
VOUT,diff
Differential voltage between VSx, OUTU, OUTV, OUTW and SENSEx pins
up to 48
V
VSENSE
Sense pins voltage(1)
-2 to 2
V
VREF
Reference voltage input
-0.3 to 2
V
IOUT,RMS
Continuous power stage output current (each bridge)
1.5
Arms
Tj
Junction temperature
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C
1. SENSEU, SENSEV, SENSEW, SNS.
2.2
Recommended operating conditions
Table 2. Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VS
Supply voltage
7
-
45
V
VIN
Logic input voltage
-
5
V
VSENSE
Sense pins voltage
-1
-
+1
V
VREF
Reference voltage input
0.1
-
1
V
fSW
Switching frequency
400
kHz
2.3
Thermal data
Table 3. Thermal data
Symbol
Parameter
Conditions
Value
Unit
RthJA
Junction-to-ambient thermal resistance
Natural convection, according to
JESD51-2a 1
36.5
°C/W
RthJCtop Junction-to-case thermal resistance (top side)
Cold plate on top package, according to
JESD51-121
27.6
°C/W
RthJCbot Junction-to-case thermal resistance (bottom side) Cold plate on exposed pad, according to
JESD51-121
5.9
°C/W
RthJB
Junction-to-board thermal resistance
according to JESD51-81
13.6
°C/W
ΨJT
Junction-to-top characterization
According to JESD51-2a1
1
°C/W
ΨJB
Junction-to-board characterization
According to JESD51-2a1
13.7
°C/W
1. Simulated on a 76.2 x 114.3 x 1.6 mm, with vias underneath the component, 2s2p board as per standard Jedec (JESD51-7)
in natural convection.
STSPIN830
Electrical data
DS12584 - Rev 2
page 3/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com