Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN830 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STSPIN830
Description  Compact and versatile three-phase and three-sense motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN830 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STSPIN830 Datasheet HTML 3Page - STMicroelectronics STSPIN830 Datasheet HTML 4Page - STMicroelectronics STSPIN830 Datasheet HTML 5Page - STMicroelectronics STSPIN830 Datasheet HTML 6Page - STMicroelectronics STSPIN830 Datasheet HTML 7Page - STMicroelectronics STSPIN830 Datasheet HTML 8Page - STMicroelectronics STSPIN830 Datasheet HTML 9Page - STMicroelectronics STSPIN830 Datasheet HTML 10Page - STMicroelectronics STSPIN830 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
4
Pin description
Figure 2. Pin connection (top view)
1
2
3
4
5
6
18
24
23
22
21
20
19
7
8
9
10
11
12
17
16
15
14
13
EPAD
REF
TOFF
GND
SNS
SENSEU
GND
MODE
EN\FAULT
STBY\RESET
GND
SENSEW
SENSEV
Note:
the exposed pad must be connected to ground.
Table 6. Pin description
N.
Name
Type
Function
1
REF
Analog input
Reference voltage for the PWM current control circuitry
2
TOFF
Analog input
Internal oscillator frequency adjustment
3, 6, 15
GND
Ground
Device ground
4
SNS
Analog input
Current limiter sense input
5
SENSEU
Power output
Sense output of the bridge U
7
OUTU
Power output
Power bridge output U
9
VS
Supply
Device supply voltage
10
VS
Supply
Device supply voltage
11
OUTV
Power output
Power bridge output V
12
OUTW
Power output
Power bridge output W
13
SENSEV
Power output
Sense output of the bridge V
14
SENSEW
Power output
Sense output of the bridge W
STSPIN830
Pin description
DS12584 - Rev 2
page 7/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com