Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN830 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STSPIN830
Description  Compact and versatile three-phase and three-sense motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN830 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STSPIN830 Datasheet HTML 10Page - STMicroelectronics STSPIN830 Datasheet HTML 11Page - STMicroelectronics STSPIN830 Datasheet HTML 12Page - STMicroelectronics STSPIN830 Datasheet HTML 13Page - STMicroelectronics STSPIN830 Datasheet HTML 14Page - STMicroelectronics STSPIN830 Datasheet HTML 15Page - STMicroelectronics STSPIN830 Datasheet HTML 16Page - STMicroelectronics STSPIN830 Datasheet HTML 17Page - STMicroelectronics STSPIN830 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Figure 8. Disable time versus REN and CEN values (VDD = 3.3 V)
Figure 9. Overcurrent threshold versus temperature (normalized at 25 °C)
0.90
0.95
1.00
1.05
1.10
-40
-20
0
20
40
60
80
100
120
140
160
Temperatur e [°C]
AM040385
5.4.2
Thermal shutdown
The device embeds a circuitry protecting it from the overtemperature condition.
When the thermal shutdown temperature is reached the power bridges are disabled and the EN\FAULT input is
forced low through the integrated open drain MOSFET (refer to Figure 10. Thermal shutdown management ).
The protection and the EN\FAULT output are released when the IC temperature returns below a safe operating
value (TjSD - TjSD,Hyst).
STSPIN830
Device protections
DS12584 - Rev 2
page 14/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com