Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN830 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STSPIN830
Description  Compact and versatile three-phase and three-sense motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN830 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STSPIN830 Datasheet HTML 11Page - STMicroelectronics STSPIN830 Datasheet HTML 12Page - STMicroelectronics STSPIN830 Datasheet HTML 13Page - STMicroelectronics STSPIN830 Datasheet HTML 14Page - STMicroelectronics STSPIN830 Datasheet HTML 15Page - STMicroelectronics STSPIN830 Datasheet HTML 16Page - STMicroelectronics STSPIN830 Datasheet HTML 17Page - STMicroelectronics STSPIN830 Datasheet HTML 18Page - STMicroelectronics STSPIN830 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Figure 10. Thermal shutdown management
V
EN
FAULT
VIH
V
RELEASE
VIL
T
j
T
jSD
TjSD,hyst
Thermal
shutdown
V
EN\FAULT
FAULT_MCU
MCU
DEVICE
EN_MCU
RELEASE
EN
OC\SC
THSD
FAULT
CEN
REN
Power
stage
ENABLED
DISABLED
DISABLED
ENABLED
t
THSD
AM040386
RELEASE
5.4.3
Blanking time
The device provides a blanking time tBLANK after each power MOSFET commutation to prevent false triggering of
protections and current limiter.
During blanking time the protections (overcurrent, short circuit, thermal shutdown) and the comparator of the
current limiter are inhibit.
5.5
ESD protection strategy
Figure 11. ESD protection strategy
INx
5 V Internal Reg.
GND
INx = ENW\INWL, INW\INWH, ENV\INVL, ENU\INUL, INU\INUH,
MODE, STBY\RESET, EN\FAULT, REF, TOFF
5V ESD
Active Clamp
INV\INVH
OUTU/V/W
Below GND
48V ESD
Active Clamp
POWER PCH
POWER NCH
VS
GND
SENSEU
SENSEW
SNS
SENSEV
STSPIN830
ESD protection strategy
DS12584 - Rev 2
page 15/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com