Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN830 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STSPIN830
Description  Compact and versatile three-phase and three-sense motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN830 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STSPIN830 Datasheet HTML 12Page - STMicroelectronics STSPIN830 Datasheet HTML 13Page - STMicroelectronics STSPIN830 Datasheet HTML 14Page - STMicroelectronics STSPIN830 Datasheet HTML 15Page - STMicroelectronics STSPIN830 Datasheet HTML 16Page - STMicroelectronics STSPIN830 Datasheet HTML 17Page - STMicroelectronics STSPIN830 Datasheet HTML 18Page - STMicroelectronics STSPIN830 Datasheet HTML 19Page - STMicroelectronics STSPIN830 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
6
Typical applications
Table 9. Typical application values
Name
Value
CS
330 nF
CSPOL
33 µF
RSNS
330 mΩ / 1W
CEN
10 nF
REN
39 kΩ
CSTBY
1 nF
RSTBY
18 kΩ
ROFF
10 kΩ (TOFF  13 µs)
Figure 12. Typical application schematic with single shunt
STSPIN830
VS
VS
V
S
STBY\RESET
EN\FAULT
INU\INUH
ENU\INUL
ENV\INVL
PWM
INW\INWH
ENW\INWL
REF
TOFF
GND
OUTU
OUTV
SENSEU
OUTW
SENSEW
SENSEV
V
DD
V
DD
INV\INVH
C
SPOL
C
S
C
STBY
C
EN
R
STBY
R
EN
R
OFF
R
SNS
MODE
SNS
3-phase
Motor
STSPIN830
Typical applications
DS12584 - Rev 2
page 16/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com