Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL01 Datasheet(PDF) 4 Page - LG Semicon Co.,Ltd.

Part # SL01
Description  17??SXGA TFT LCD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

SL01 Datasheet(HTML) 4 Page - LG Semicon Co.,Ltd.

  SL01 Datasheet HTML 1Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 2Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 3Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 4Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 5Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 6Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 7Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 8Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Product Specification
LB170E01-SL01
Liquid Crystal Display
RECORD OF REVISIONS
Revision
No
Revision
Date
Page
Description
0.0
Mar. 13. 2013
-
First Draft, Preliminary Specifications
0.1
May. 01. 2013
4
Change General Features
6
Change Electrical Characteristics
9
Change Mating Connector
24
Change Weight
0.2
Jun. 10. 2013
4
Change General Features
5
Change ABSOLUTE MAXIMUM RATINGS
6
Change LCD Module ELECTRICAL CHARACTERISTICS
13
Change Timing Table
18
Change OPTICAL CHARACTERISTICS
27
Change Reliability
0.3
Jun. 18. 2013
10
Change Flat Link (THINE:THC63LVD823) Transmitter
Ver. 1.0
Dec. 16. 2013
3 / 31
0.3
Jun. 18. 2013
10
Change Flat Link (THINE:THC63LVD823) Transmitter
0.4
Jul. 12. 2013
13
Change Timing Table
0.5
Oct.10.2013
4
Define weight(Max.)
6
Define LED PWM Dimming frequency
8
Change User connector
18
Change Optical characteristics
24
Added the LCM weight
25, 26
Add the screw on the back of LCM, Changed User connector
0.6
Nov.25
9,26
Changed Backlight connector (CN2)
18
Changed color coordinate Wx,Wy
26
Change LED connector and Position, Cover shield hole size
FFC fixing tape shape
1.0
Dec.16.2013
4,6
Changed Power consumption
28
Change Safety, Environment
-
Final Draft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com