Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL01 Datasheet(PDF) 9 Page - LG Semicon Co.,Ltd.

Part # SL01
Description  17??SXGA TFT LCD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

SL01 Datasheet(HTML) 9 Page - LG Semicon Co.,Ltd.

Back Button SL01 Datasheet HTML 5Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 6Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 7Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 8Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 9Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 10Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 11Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 12Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 13Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Product Specification
LB170E01-SL01
Liquid Crystal Display
3-2. Interface Connections
Table 3. MODULE CONNECTOR(CN1) PIN CONFIGURATION
3-2-1. LCD Module
No
Symbol
Description
No
Symbol
Symbol
1
FR0M
Minus signal of odd channel 0 (LVDS)
16
SR1P
Plus signal of even channel 1 (LVDS)
2
FR0P
Plus signal of odd channel 0 (LVDS)
17
GND
Ground
3
FR1M
Minus signal of odd channel 1 (LVDS)
18
SR2M
Minus signal of even channel 2 (LVDS)
4
FR1P
Plus signal of odd channel 1 (LVDS)
19
SR2P
Plus signal of even channel 2 (LVDS)
5
FR2M
Minus signal of odd channel 2 (LVDS)
20
SCLKINM
Minus signal of even clock channel (LVDS)
6
FR2P
Plus signal of odd channel 2 (LVDS)
21
SCLKINP
Plus signal of even clock channel (LVDS)
7
GND
Ground
22
SR3M
Minus signal of even channel 3 (LVDS)
8
FCLKINM
Minus signal of odd clock channel (LVDS)
23
SR3P
Plus signal of even channel 3 (LVDS)
9
FCLKINP
Plus signal of odd clock channel (LVDS)
24
GND
Ground
- LCD Connector(CN1). : GT103-30S-H23 (LSM)
- Mating Connector : FI-X30C2L (Manufactured by JAE) or Equivalent
Ver. 1.0
Dec. 16. 2013
8 / 31
Note: 1. All GND(ground) pins should be connected together and to Vss which should also be connected to
the LCD’s metal frame.
2. All VLCD (power input) pins should be connected together.
3. Input Level of LVDS signal is based on the IEA 664 Standard.
9
FCLKINP
Plus signal of odd clock channel (LVDS)
24
GND
Ground
10
FR3M
Minus signal of odd channel 3 (LVDS)
25
NC
No Connection.(I2C Serial interface for LCM)
11
FR3P
Plus signal of odd channel 3 (LVDS)
26
NC
No Connection.(I2C Serial interface for LCM)
12
SR0M
Minus signal of even channel 0 (LVDS)
27
NC
No Connection.
13
SR0P
Plus signal of even channel 0 (LVDS)
28
VLCD
Power Supply +5.0V
14
GND
Ground
29
VLCD
Power Supply +5.0V
15
SR1M
Minus signal of even channel 1 (LVDS)
30
VLCD
Power Supply +5.0V
FIG.4 Connector diagram
Rear view of LCM
#1
#30
GT103-30S-H23(LSM)
#1
#30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com