Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL01 Datasheet(PDF) 10 Page - LG Semicon Co.,Ltd.

Part # SL01
Description  17??SXGA TFT LCD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

SL01 Datasheet(HTML) 10 Page - LG Semicon Co.,Ltd.

Back Button SL01 Datasheet HTML 6Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 7Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 8Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 9Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 10Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 11Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 12Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 13Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 14Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Product Specification
LB170E01-SL01
Liquid Crystal Display
3-2-2. BACKLIGHT
- BACKLIGHT Connector(CN2). : 10031HR-H06 (YENHO)
No
Symbol
Description
1
VBL
Backlight Power Supply(12.0 Typ.)
2
VBL
Backlight Power Supply(12.0 Typ.)
3
VBL
Backlight Power Supply(12.0 Typ.)
4
GND
Ground
5
On/Off
Backlight On/Off, High(3.3V Typ.): On, Low(Ground): Off
6
PWM
PWM Dimming Signal
Table 4. BACKLIGHT CONNECTOR(CN2) PIN CONFIGURATION
Note: 1. All GND(ground) pins should be connected together and the LCD’s metal frame.
2. All VBL (power input) pins should be connected together.
Ver. 1.0
Dec. 16. 2013
9 / 31
FIG.5 Connector diagram
#6
#1
10031HR-H06(YEONHO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com