Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL01 Datasheet(PDF) 20 Page - LG Semicon Co.,Ltd.

Part # SL01
Description  17??SXGA TFT LCD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

SL01 Datasheet(HTML) 20 Page - LG Semicon Co.,Ltd.

Back Button SL01 Datasheet HTML 16Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 17Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 18Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 19Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 20Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 21Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 22Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 23Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 24Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Product Specification
LB170E01-SL01
Liquid Crystal Display
Notes 1. Contrast Ratio(CR) is defined mathematically as :
(By PR880)
It is measured at center point(Location P1)
2. Surface luminance(LWH)is luminance value at Center 1 point(P1) across the LCD surface 50cm
from the surface with all pixels displaying white. For more information see FIG.8 (By PR880)
3. The variation in surface luminance , δ WHITE is defined as : (By PR880)
Where L1 to L9 are the luminance with all pixels displaying white at 9 locations.
For more information see FIG.8
4. Color shift is the angle at which the average color difference for all Macbeth is lower than 0.02.
For more information see FIG.9
(By EZ Contrast)
- Color difference (∆u’v’)
4
'
+
+
−
=
x
u
9
'
+
+
−
=
y
v
2
2
)
'
'
(
)
'
'
(
'
'
v
v
u
u
v
u
−
+
−
=
∆
pixels
black
all
with
Luminance
Surface
pixels
white
all
with
Luminance
Surface
Ratio
Contrast
=
)
L
....
,
L
,
(L
Minimum
)
L
..
,
L
,
Maximum(L
P9
P2
P1
P9
P2
P1
…
=
WHITE
δ
Ver. 1.0
Dec. 16. 2013
19 / 31
u’1, v’1 : u’v’ value at viewing angle direction
u’2, v’2 : u’v’ value at front (θ=0)
i : Macbeth chart number (Define 23 page)
- Pattern size : 25% Box size
- Viewing angle direction of color shift : Horizontal, Vertical
5. Viewing angle is the angle at which the contrast ratio is greater than 10. The angles are
determined for the horizontal or x axis and the vertical or y axis with respect to the z axis which
is normal to the LCD surface. For more information see FIG.10
(By PR880)
6. GSR is the rate of gamma shift at up, down, left and right 60 degree viewing angle compare with
center gamma. For more information see FIG.11 and FIG.12
(By EZ Contrast)
- GSR (δ Gamma ) is defined as :
.
7. Gamma Value is approximately 2.2. For more information see Table 11.
3
12
2
'
+
+
−
=
y
x
u
3
12
2
'
+
+
−
=
y
x
v
2
2
1
2
2
1
)
'
'
(
)
'
'
(
'
'
v
v
u
u
v
u
−
+
−
=
∆
24
)
'
'
(
)
'
'
(
24
1
∑
=
∆
=
∆
i
i
v
u
v
u
Avg
100
Degree)
(0
Value
Gamma
Center
Degree)
60
Light
Reft,
Down,
(Up,
Value
Gamma
angle
View
1
×


−
=
GSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com