Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL01 Datasheet(PDF) 12 Page - LG Semicon Co.,Ltd.

Part # SL01
Description  17??SXGA TFT LCD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

SL01 Datasheet(HTML) 12 Page - LG Semicon Co.,Ltd.

Back Button SL01 Datasheet HTML 8Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 9Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 10Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 11Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 12Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 13Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 14Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 15Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 16Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Product Specification
LB170E01-SL01
Liquid Crystal Display
LVDS Input characteristics
1. DC Specification
Description
Symbol
Min
Max
Unit
Notes
LVDS Differential Voltage
|V
ID|
200
600
mV
-
LVDS Common mode Voltage
V
CM
1.0
1.5
V
-
LVDS Input Voltage Range
V
0.7
1.8
V
-
Ver. 1.0
Dec. 16. 2013
11 / 31
Description
Symbol
Min
Max
Unit
Notes
LVDS Clock to Data Skew Margin
t
SKEW
- 300
+ 300
ps
95MHz > Fclk ≥ 85MHz
t
SKEW
- 400
+ 400
ps
85MHz > Fclk ≥ 65MHz
t
SKEW
- 600
+ 600
ps
65MHz > Fclk ≥ 30MHz
LVDS Clock to Clock Skew Margin
(Even to Odd)
t
SKEW_EO
- 1/7
+ 1/7
T
clk
-
2. AC Specification
LVDS Data
t SKEW
LVDS Clock
Tclk
t SKEW (Fclk = 1/Tclk )
1) 95 MHz > Fclk ≥ 85 MHz : - 300 ~ +300
2) 85 MHz > Fclk ≥ 65 MHz : - 400 ~ +400
3) 65 MHz > Fclk ≥ 30 MHz : - 600 ~ +600
LVDS Input Voltage Range
V
IN
0.7
1.8
V
-
Change in common mode Voltage
∆VCM
-
250
mV
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com