Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL01 Datasheet(PDF) 11 Page - LG Semicon Co.,Ltd.

Part # SL01
Description  17??SXGA TFT LCD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

SL01 Datasheet(HTML) 11 Page - LG Semicon Co.,Ltd.

Back Button SL01 Datasheet HTML 7Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 8Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 9Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 10Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 11Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 12Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 13Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 14Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 15Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Product Specification
LB170E01-SL01
Liquid Crystal Display
Table 4. REQUIRED SIGNAL ASSIGNMENT FOR Flat Link (THINE:THC63LVD823) Transmitter
Pin# Pin Name
Descrption
Pin# Pin Name
Descrption
1
B24
The 2nd Pixel Data Input
51
R10
The 1st Pixel Data Input
2
B25
The 2nd Pixel Data Input
52
R11
The 1st Pixel Data Input
3
VCC
Power Supply for TTL input
53
R12
The 1st Pixel Data Input
4
GND
Ground for TTL input
54
R13
The 1st Pixel Data Input
5
B26
The 2nd Pixel Data Input
55
VCC
Power Supply for TTL input
6
B27
The 2nd Pixel Data Input
56
GND
Ground for TTL input
7
HSYNC
Hsync Input
57
R14
The 1st Pixel Data Input
8
VSYNC
Vsync Input
58
R15
The 1st Pixel Data Input
9
DE
Data Enable Input
59
R16
The 1st Pixel Data Input
10
CLKIN
Clock Input
60
R17
The 1st Pixel Data Input
11
R/F
Input Clock Triggering Edge Select
61
G10
The 1st Pixel Data Input
12
RS
LVDS swig range select
62
G11
The 1st Pixel Data Input
13
TEST1
Test pin
63
G12
The 1st Pixel Data Input
14
TEST2
Test pin
64
G13
The 1st Pixel Data Input
15
MODE1
Pixel Data Mode
65
G14
The 1st Pixel Data Input
16
MODE0
Pixel Data Mode
66
G15
The 1st Pixel Data Input
17
OE
Output enable
67
G16
The 1st Pixel Data Input
18
6/8
6bit/8bit color select
68
G17
The 1st Pixel Data Input
19
/PDWN
Power down
69
B10
The 1st Pixel Data Input
20
TEST3
Test pin
70
B11
The 1st Pixel Data Input
21
TEST4
Test pin
71
VCC
Power Supply for TTL input
22
TEST5
Test pin
72
GND
Ground for TTL input
23
PLL GND
Ground for PLL circuitry
73
B12
The 1st Pixel Data Input
24
PLL VCC
Power Supply for PLL circuitry
74
B13
The 1st Pixel Data Input
Ver. 1.0
Dec. 16. 2013
10 / 31
Note : Refer to LVDS Transmitter Data Sheet for detail descriptions.
24
PLL VCC
Power Supply for PLL circuitry
74
B13
The 1st Pixel Data Input
25
PLL GND
Ground for PLL circuitry
75
B14
The 1st Pixel Data Input
26
LVDS GND
Ground for LVDS output
76
B15
The 1st Pixel Data Input
27
TD2+
The 2nd Link. The 2nd pixel output data
77
B16
The 1st Pixel Data Input
28
TD2-
The 2nd Link. The 2nd pixel output data
78
B17
The 1st Pixel Data Input
29
TCLK2+
LVDS Clock Out for 2nd Link
79
B20
The 2nd Pixel Data Input
30
TCLK2-
LVDS Clock Out for 2nd Link
80
B21
The 2nd Pixel Data Input
31
TC2
The 2nd Link. The 2nd pixel output data
81
B22
The 2nd Pixel Data Input
32
TC2+
The 2nd Link. The 2nd pixel output data
82
B23
The 2nd Pixel Data Input
33
LVDS VCC
Power Supply for LVDS Output
83
B24
The 2nd Pixel Data Input
34
TB2+
The 2nd Link. The 2nd pixel output data
84
B25
The 2nd Pixel Data Input
35
TB2-
The 2nd Link. The 2nd pixel output data
85
B26
The 2nd Pixel Data Input
36
TA2+
The 2nd Link. The 2nd pixel output data
86
B27
The 2nd Pixel Data Input
37
TA2-
The 2nd Link. The 2nd pixel output data
87
VCC
Power Supply for TTL input
38
LVDS GND
Ground for LVDS output
88
GND
Ground for TTL input
39
TD1+
The 1st Link. The 1st Pixel output data
89
G20
The 2nd Pixel Data Input
40
TD1-
The 1st Link. The 1st Pixel output data
90
G21
The 2nd Pixel Data Input
41
TCLK1+
LVDS Clock Out for 1st Link
91
G22
The 2nd Pixel Data Input
42
TCLK1-
LVDS Clock Out for 1st Link
92
G23
The 2nd Pixel Data Input
43
TC1+
The 1st Link. The 1st Pixel output data
93
G24
The 2nd Pixel Data Input
44
TC1-
The 1st Link. The 1st Pixel output data
94
G25
The 2nd Pixel Data Input
45
LVDS VCC
Power Supply for LVDS Output
95
G26
The 2nd Pixel Data Input
46
TB1+
The 1st Link. The 1st Pixel output data
96
G27
The 2nd Pixel Data Input
47
TB1-
The 1st Link. The 1st Pixel output data
97
B20
The 2nd Pixel Data Input
48
TA1+
The 1st Link. The 1st Pixel output data
98
B21
The 2nd Pixel Data Input
49
TA1-
The 1st Link. The 1st Pixel output data
99
B22
The 2nd Pixel Data Input
50
LVDS GND
Ground for LVDS output
100
B23
The 2nd Pixel Data Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com