Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL01 Datasheet(PDF) 28 Page - LG Semicon Co.,Ltd.

Part # SL01
Description  17??SXGA TFT LCD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

SL01 Datasheet(HTML) 28 Page - LG Semicon Co.,Ltd.

Back Button SL01 Datasheet HTML 24Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 25Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 26Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 27Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 28Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 29Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 30Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 31Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 32Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Product Specification
LB170E01-SL01
Liquid Crystal Display
6. Reliability
Environment test condition
No
Test Item
Condition
1
High temperature storage test
Ta= 80°C 240h
2
Low temperature storage test
Ta= -20°C 240h
3
High temperature operation test
Ta= 70°C 240h
4
Low temperature operation test
Ta= -10°C 240h
5
Vibration test
(non-operating)
Wave form : random
Vibration level : 1.00G RMS
Bandwidth : 10-300Hz
Duration : X, Y, Z, 10 min
One time each direction
6
Shock test
(non-operating)
Shock level : 100G
Waveform : half sine wave, 2ms
Direction :
±X, ±Y, ±Z
One time each direction
Ver. 1.0
Dec. 16. 2013
27 / 31
One time each direction
7
Humidity condition Operation
Ta= 50 °C ,80%RH
8
Altitude
operating
storage / shipment
0 - 16,000 feet(4,876m)
0 - 40,000 feet(12,192m)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com