Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL01 Datasheet(PDF) 17 Page - LG Semicon Co.,Ltd.

Part # SL01
Description  17??SXGA TFT LCD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

SL01 Datasheet(HTML) 17 Page - LG Semicon Co.,Ltd.

Back Button SL01 Datasheet HTML 13Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 14Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 15Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 16Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 17Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 18Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 19Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 20Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 21Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Product Specification
LB170E01-SL01
Liquid Crystal Display
3-6. Power Sequence
90%
V
LCD
90%
10%
10%
T1
0V
LED ON
LED OFF
T3
0V
T6
LED OFF
T4
T2
T5
T7
Valid Data
Interface Signal, Vi
(Digital RGB signal,
SCDT ,Vsync, Hsync,
DE, Clock to PanelLink
Transmitter)
Power Supply, VLCD
Power Supply for
Backlight Inverter
Ver. 1.0
Dec. 16. 2013
16 / 31
Notes : 1. Please avoid floating state of interface signal at invalid period.
2. When the interface signal is invalid, be sure to pull down the power supply for LCD V
LCDto 0V.
3. LED power must be turn on after power supply for LCD and interface signal are valid.
Parameter
Values
Units
Min
Typ
Max
T1
0.5
-
10
ms
T2
0.01
-
50
ms
T3
500
-
-
ms
T4
200
-
-
ms
T5
0.01
-
50
ms
T7
1000
-
ms
Table 8. POWER SEQUENCE
FIG.5 Power sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com