Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL01 Datasheet(PDF) 30 Page - LG Semicon Co.,Ltd.

Part # SL01
Description  17??SXGA TFT LCD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

SL01 Datasheet(HTML) 30 Page - LG Semicon Co.,Ltd.

Back Button SL01 Datasheet HTML 25Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 26Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 27Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 28Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 29Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 30Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 31Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 32Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 33Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Product Specification
LB170E01-SL01
Liquid Crystal Display
8. Packing
8-1. Designation of Lot Mark
a) Lot Mark
A
B
C
D
E
F
G
H
I
J
K
L
M
A,B,C : SIZE(INCH)
D : YEAR
E : MONTH
F ~ M : SERIAL NO.
Note
1. YEAR
2. MONTH
B
Nov
Mark
Month
A
Oct
6
Jun
7
Jul
8
Aug
9
Sep
4
Apr
5
May
C
3
2
1
Dec
Mar
Feb
Jan
Mark
Year
K
2020
F
2016
G
2017
H
2018
J
2019
D
2014
E
2015
C
B
A
2013
2012
2011
Ver. 1.0
Dec. 16. 2013
29 / 31
b) Location of Lot Mark
Serial No. is printed on the label. The label is attached to the backside of the LCD module.
This is subject to change without prior notice.
8-2. Packing Form
a) Package quantity in one box : 12 pcs
b) Box Size : 365 X 315 X 492mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com