Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL01 Datasheet(PDF) 5 Page - LG Semicon Co.,Ltd.

Part # SL01
Description  17??SXGA TFT LCD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

SL01 Datasheet(HTML) 5 Page - LG Semicon Co.,Ltd.

  SL01 Datasheet HTML 1Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 2Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 3Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 4Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 5Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 6Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 7Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 8Page - LG Semicon Co.,Ltd. SL01 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Product Specification
LB170E01-SL01
Liquid Crystal Display
1. General Description
LB170E01 is a Color Active Matrix Liquid Crystal Display with an integral Light Emitting Diode (White LED)
b a cklig ht s y st e m . T he m a t r ix e m p loys a -Si T hi n Film Tr a n sist or a s t he a ct i ve e le m e nt .
It is a transmissive type display operating in the normally black mode. It has a 17.0 inch
diagonally
measured active display area with SXGA resolution (1024 vertical by 1280 horizontal pixel array)
Each pixel is divided into Red, Green and Blue sub-pixels or dots which are arranged in vertical stripes.
Gray scale or the brightness of the sub-pixel color is determined with a 8-bit gray scale signal for each dot,
thus, presenting a palette of more than 16,7M colors
It has been designed to apply the 8Bit 2 port LVDS interface.
I t i s i n t e n d e d t o s u p p o r t d i s p l a y s w h e r e h i g h b r i g h t n e s s , s u p e r w i d e v i e w i n g a n g l e ,
high color saturation, and high color are important.
CN1
(30pin)
LVDS
2port
+5.0V
Source Driver Circuit
TFT - LCD Panel
(1280 × RGB × 1024 pixels)
S1
S1280
RGB
Timing
Controller
EPI (RGB)
G1
G1024
Ver. 1.0
Dec. 16. 2013
4 / 31
General Features
Active Screen Size
17.0 inch (432.75mm) diagonal
Outline Dimension
368.0(H) x 306.0(V) x 14.3(D) mm(Typ.)
Pixel Pitch
0.264 mm x 0.264mm
Pixel Format
1280 horiz. by 1024 vert. Pixels. RGB stripe arrangement
Color Depth
16,7M colors
Luminance, White
400 cd/m2 ( Center 1 Point, Typ.)
Viewing Angle(CR>10)
View Angle Free (R/L 178(Typ.), U/D 178(Typ.))
Power Consumption
Total 15.35 Watt (Typ.) (2.75 Watt @VLCD, 12.6 Watt @VBL)
Weight
1260 g (typ.),1310g(max.)
Display Operating Mode
Transmissive mode, normally black
Surface Treatment
Hard coating(3H), Anti-Glare treatment of the front polarizer
[ Figure 1 ] Block diagram
Back light Assembly
(LED)
LED Driver
+12.0V
Power Circuit Block
+5.0V
G1024
CN2
(6pin)
On/Off,
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com